Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 560Page - Renesas Technology Corp 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-16
Appendix 3. Control registers
UARTi transmit/receive control register 1
At reset
Bit
Bit name
5
Framing error flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No framing error is detected.
1: Framing error is detected.
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
UART0 transmit/receive control register 1 (address 3516)
UART1 transmit/receive control register 1 (address 3D16)
UART2 transmit/receive control register 1 (address 6916)
Notes 1: Bits 4 to 7 are cleared to “0” when the serial I/O mode selection bits (bits 2 to 0 at
addresses 3016, 3816) are cleared to “0002” or when the receive enable bit is cleared
to “0.” (Bit 7 is cleared to “0” when all of bits 4 to 6 are “0.”)
Note also that bits 5 and 6 are cleared to “0” when the low-order byte of the UARTi
receive buffer register (addresses 3616, 3E16, 6A16) is read out.
2: Bits 5 to 7 are ignored in the clock synchronous serial I/O mode.
0
Transmit enable bit
0
0: Transmission is disabled.
1: Transmission is enabled.
1
Transmission buffer empty flag
1
0: Data is present in the transmission
buffer register.
1: No data is present in the
transmission buffer register.
2
Receive enable bit
0
0: Reception is disabled.
1: Reception is enabled.
3
Receive completion flag
0
0: No data is present in the receive
buffer register.
1: Data is present in the receive
buffer register.
4
Overrun error flag (Note 1)
0
0: No overrun error is detected.
1: Overrun error is detected.
6
Parity error flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No parity error is detected.
1: Parity error is detected.
7
Error sum flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No error is detected.
1: Error is detected.
RW
RO
RW
RO
RO
RO
RO
RO
UARTi receive buffer register
b7
b0
(b15)
(b8)
b7
b0
UART0 receive buffer register (addresses 3716, 3616)
UART1 receive buffer register (addresses 3F16, 3E16)
UART2 receive buffer register (addresses 6B16, 6A16)
Bit
Not implemented.
A value of “0” is read out from here.
The receive data is read out from here.
At reset
0
Un-
defined
RW
Functions
8 to 0
15 to 9
RO
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com