Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp 7733 Datasheet HTML 571Page - Renesas Technology Corp 7733 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-20
Appendix 3. Control registers
sEvent counter mode
Timer A0 mode register (address 5616)
Timer A1 mode register (address 5716)
b7
b6
b5
b4
b3
b2
b1
b0
!
00 1
Bit
4
Up-down switching factor
selection bit
3
Count polarity selection bit
Bit name
6
These bits are ignored in the event counter mode.
5
Must be fixed to “0” in the event counter mode.
7
Functions
0: Counts at falling edge of external signal
1: Counts at rising edge of external signal
0: Contents of the up-down flag
1: A signal which is input to pin TA0OUT or TA1OUT
At reset
0
0
0
0
0
RW
2
Pulse output function
selection bit
0
Operating mode selection
bits
1
0: No pulse is output. (Pin TA0OUT or TA1OUT
functions as a programmable I/O port.)
1: Pulse is output. (Pin TA0OUT or TA1OUT
functions as a pulse output pin.)
0 1: Event counter mode
b1 b0
0
0
0
b7
b0 b7
b0
(b15)
(b8)
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1)
in down-counting, or by (FFFF16 – n + 1) in up-
counting.
At reading this register, the counter value is
read out.
Undefined
Bit
Functions
At reset
RW
RW
RW
RW
RW
RW
RW
RW
RW
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com