Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 567 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 567 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp 7733 Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-19
Appendix 3. Control registers
sTimer mode
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
3
Gate function selection bits
2
Pulse output function
selection bit
1
0
Operating mode selection
bits
Bit name
Functions
b7 b6 b5 b4 b3
b2 b1 b0
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
0 0: Timer mode
0: No pulse is output.
(Pin TAiOUT functions as a programmable
I/O port.)
1: Pulse is output.
(Pin TAiOUT functions as a pulse output
pin.)
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
6
Count source selection bits
b1 b0
b4 b3
5
Must be fixed to “0” in the timer mode.
00
0
0 X: No gate function
(Pin TAiIN functions as a programmable
I/O port.)
1 0: Counter counts only while pin TAiIN’s
input signal level is “L.”
1 1: Counter counts only while pin TAiIN’s
input signal level is “H.”
Bit
4
At reset
0
0
0
0
0
0
0
0
RW
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Undefined
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com