Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp 7733 Datasheet HTML 571Page - Renesas Technology Corp 7733 Datasheet HTML 572Page - Renesas Technology Corp 7733 Datasheet HTML 573Page - Renesas Technology Corp 7733 Datasheet HTML 574Page - Renesas Technology Corp 7733 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-23
Appendix 3. Control registers
sPulse width modulation (PMW) mode
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
6
Count source selection bits
11
1
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
At reset
0
0
0
0
0
0
0
0
RW
3
Trigger selection bits
2
Must be fixed to “1” in the PWM mode.
1
0
Operating mode selection
bits
Bit name
Functions
1 1: PWM mode
b1 b0
b4 b3
5
16/8-bit PWM mode
selection bit
0 X: Writing “1” to the count start flag (Pin TAiIN
functions as a programmable I/O port.)
1 0: Falling edge of the pin TAiIN’s input signal
1 1: Rising edge of the pin TAiIN’s input signal
Bit
0: The counter operates as a 16-bit pulse
width modulator.
1: The counter operates as an 8-bit pulse
width modulator.
4
s When operating as an 8-bit pulse width modulator
(b15)
b7
b0 b7
b0
(b8)
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Functions
Bit
At reset
RW
7 to 0
Values 0016 to FF16 can be set.
Assuming that the set value = m, period of
the PWM pulse which is output from pin
TAiOUT is (m + 1)(28 – 1)/fi.
fi: Frequency of the count source (f2, f16, f64, or f512)
15 to 8 Values 0016 to FE16 can be set.
Assuming that the set value = n, “H” level
width of the PWM pulse which is output from
pin TAiOUT is n(m +1)/fi.
Un-
defined
Un-
defined
b7
b0
b7
b0
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFE16 can be set.
Assuming that the set value = n, “H” level
width of the PWM pulse which is output from
pin TAiOUT is n/fi.
Un-
defined
fi: Frequency of the count source (f2, f16, f64, or f512)
s When operating as a 16-bit pulse width modulator
(b15)
(b8)
RW
RW
RW
RW
RW
RW
RW
RW
WO
WO
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com