Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp 7733 Datasheet HTML 571Page - Renesas Technology Corp 7733 Datasheet HTML 572Page - Renesas Technology Corp 7733 Datasheet HTML 573Page - Renesas Technology Corp 7733 Datasheet HTML 574Page - Renesas Technology Corp 7733 Datasheet HTML 575Page - Renesas Technology Corp 7733 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-24
Appendix 3. Control registers
Timer Bi mode register
Timer Bi register
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Un-
defined
RW
RW
RW
RW
RW
RW
RW
RW
Bit
7
4
Must be fixed to “0” (i = 0).
3
1
Bit name
At reset
0
0
0
0
Un-
defined
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
0 0: Timer mode
0 1: Event counter mode
1 0: Pulse period/Pulse width
measurement mode
1 1: Do not select.
b1 b0
2
These bits have different functions according to the operating mode.
0
Operating mode selection bits
6
Note: In the timer and event counter modes, bit 5 is ignored and undefined at reading.
5
These bits have different functions according to the operating mode.
Not implemented (i = 1, 2).
0
—
Un-
defined
RO
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com