Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 575 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 575 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 571Page - Renesas Technology Corp 7733 Datasheet HTML 572Page - Renesas Technology Corp 7733 Datasheet HTML 573Page - Renesas Technology Corp 7733 Datasheet HTML 574Page - Renesas Technology Corp 7733 Datasheet HTML 575Page - Renesas Technology Corp 7733 Datasheet HTML 576Page - Renesas Technology Corp 7733 Datasheet HTML 577Page - Renesas Technology Corp 7733 Datasheet HTML 578Page - Renesas Technology Corp 7733 Datasheet HTML 579Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-27
Appendix 3. Control registers
sPulse period/Pulse width measurement mode
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 The result of the pulse period or pulse width
measurement is read out.
Un-
defined
0 0: Pulse period m easurem ent
Interval betw een falling edges of the
m easurem ent pulse)
0 1: Pulse period m easurem ent
Interval betw een risi ng edges of the
m easur
ement pulse)
1 0: Pulse width m easurem ent
Interval from a falling edge to a risi ng edge,
and from a risi ng edge to a falling edge of
the measurement pulse)
1 1: Do not sel ect .
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
Bit
6
Count source selection bits
5
Timer Bi overflow flag (Note)
•Timer B0 mode register
Must be fixed to “0.”
3
2
Measurement mode selection
bits
1
0
Operating mode selection bits
Bit name
Functions
1 0: Pulse period/pulse width m easurem ent
m ode
b1 b0
0: No overflow
1: Overflow
b3 b2
10
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
At reset
0
0
0
Un-
defined
1
0
0
RW
0
•Timer B1 and B2 mode registers
Not implemented.
0
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: Timer Bi overflow flag is cleared to “0” when writing to the timer Bi mode register is performed with the
count start flag = “1.” This flag cannot be set to “1” by software.
RW
RW
RW
RW
RW
—
RO
RW
RW
RO
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com