Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 579 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 579 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 575Page - Renesas Technology Corp 7733 Datasheet HTML 576Page - Renesas Technology Corp 7733 Datasheet HTML 577Page - Renesas Technology Corp 7733 Datasheet HTML 578Page - Renesas Technology Corp 7733 Datasheet HTML 579Page - Renesas Technology Corp 7733 Datasheet HTML 580Page - Renesas Technology Corp 7733 Datasheet HTML 581Page - Renesas Technology Corp 7733 Datasheet HTML 582Page - Renesas Technology Corp 7733 Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-31
Appendix 3. Control registers
Memory allocation control register
ROM size
ROM size
3
4
7 to 5
0
0
Not implemented.
Notes 1: The case where value “55 16” is written in Œ of the procedure listed below is not included.
2: When changing these bits, this change must be performed in an area which is internal
ROM area before and after this change, for example addresses 00C000 16 to 00FFFF16.
Also, when changing these bits, be sure to follow the procedure listed below.
3: This figure is applied only to the M37733MHBXXXFP. For the other microcoputers,
please refer to the latest datasheets on the English document CD-ROM or our Web site.
Bit
Bit name
Functions
At reset
RW
0
1
2
Memory allocation selection bits
(Notes 1 and 2)
0
0 0 0: 124 Kbytes,
3968 bytes
0 0 1: 120 Kbytes,
3968 bytes
0 1 0: 60 Kbytes,
2048 bytes
0 1 1: Do not select.
1 0 0: 32 Kbytes,
2048 bytes
1 0 1: 16 Kbytes,
2048 bytes
1 1 0: 96 Kbytes,
3968 bytes
1 1 1: Do not select.
0
0
b2b1b0
Memory allocation control register (address 63 16) (Note 3)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
RW
0
RW
Un-
defined
|
Note: When changing bits 2 to 0, be sure
to follow this procedure.
Procedure
Œ By using the LDM instruction, write value “55 16” to address 6316.
(By this, writing to the memory allocation selection bits is enabled.)
 By using the LDM instruction, write value “00000XXX 2” to
address 6316.
(Values of b2, b1, and b0 shown in the above Figure)
Writing is performed
by the next instruction.
Must be fixed to “0.” (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com