Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 579Page - Renesas Technology Corp 7733 Datasheet HTML 580Page - Renesas Technology Corp 7733 Datasheet HTML 581Page - Renesas Technology Corp 7733 Datasheet HTML 582Page - Renesas Technology Corp 7733 Datasheet HTML 583Page - Renesas Technology Corp 7733 Datasheet HTML 584Page - Renesas Technology Corp 7733 Datasheet HTML 585Page - Renesas Technology Corp 7733 Datasheet HTML 586Page - Renesas Technology Corp 7733 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-35
Appendix 3. Control registers
Serial transmit control register
Bit
Bit name
At reset
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Serial transmit control register (address 6E16)
g When using multiple transfer clock output pins, satisfy the following conditions:
q Serial I/O mode selection bits (bits 2 to 0 at address 3016) = “0012”
q Internal/external clock selection bit (bit 3 at address 3016) = “0”
q CTS/RTS enable bit (bit 4 at address 3416) = “1”
q Receive enable bit (bit 2 at address 3516) = “0” (for cases Œ and  in Table 8.3.4)
q Transmission clock output pin selection bits = “012”, “102”, or “112” (Refer to Table 8.3.3.)
Note: Bits 4 and 5 are ignored in the UART mode. (They may be “0” or “1.”)
Not implemented.
Un-
defined
4
Transmission clock output pin
selection bits
(Valid only in the clock synchronous
serial I/O mode.) (Note)
0
0 0: One transfer clock output pin
(CLK0)
0 1:
1 0:
1 1:
5
0
0
3 to 0
7, 6
Not implemented.
Value “0” is read out from here.
b5 b4
Multiple transfer clock
output pins
—
RW
RW
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com