Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 573Page - Renesas Technology Corp 7733 Datasheet HTML 574Page - Renesas Technology Corp 7733 Datasheet HTML 575Page - Renesas Technology Corp 7733 Datasheet HTML 576Page - Renesas Technology Corp 7733 Datasheet HTML 577Page - Renesas Technology Corp 7733 Datasheet HTML 578Page - Renesas Technology Corp 7733 Datasheet HTML 579Page - Renesas Technology Corp 7733 Datasheet HTML 580Page - Renesas Technology Corp 7733 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-29
Appendix 3. Control registers
Processor mode register 0
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Wait bit
Software reset bit
Must be fixed to “0.”
Clock
f 1 output selection bit
(Note 2)
0
0
0
0
0
0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Microprocessor mode
1 1: Do not select.
0: Software wait is inserted when
accessing external area.
1: No software wait is inserted
when accessing external area.
Microcomputer is reset by
setting this bit to “1.”
This bit is “0” at reading.
0 0: 7 cycles of
f
0 1: 4 cycles of
f
1 0: 2 cycles of
f
1 1: Do not select.
0: Clock
f 1 output is disabled.
(P42
functions as a
programmable I/O port.)
1: Clock
f 1 output is enabled.
2
functions as a clock
f 1 output pin.)
0
0
b1 b0
b5 b4
Processor mode register 0 (address 5E16)
(Note 1)
Notes 1: When the Vcc-level voltage is applied to pin CNVss, this bit is set to “1” after reset.
(At reading, this bit is always “1.”)
2: This bit is ignored in the microprocessor mode. (It may be “0” or “1.”)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
RW
RW
RW
RW
Interrupt priority detection
time selection bits
Processor mode register 1
b2
b3
b4
b5
b6
b7
b1
Processor mode register 1 (address 5F16)
b0
Bit
Bit name
Function
At reset
0
7 to1
Wait selection bit
0 : Wait 0
1 : Wait 1
0
Not implemented.
Un-
defined
RW
RW
_
(Port P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com