Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp 7733 Datasheet HTML 571Page - Renesas Technology Corp 7733 Datasheet HTML 572Page - Renesas Technology Corp 7733 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-21
Appendix 3. Control registers
b7
b6
b5
b4
b3
b2
b1
b0
Timer A2 mode register (address 5816)
Timer A3 mode register (address 5916)
Timer A4 mode register (address 5A16)
00
1
Bit
4
Up-down switching factor
selection bit
0
Operating mode selection
bits
Bit name
6
Count type selection bit
5
Must be fixed to “0” in the event counter mode.
Note: This bit is valid only for the timer A3 mode register.
For the timer A2 and A4 mode registers, this bit is ignored. (It may be “0” or “1.”)
1
7
Two-phase pulse signal
processing type selection
bit (Note)
Functions
0 1: Event counter mode
b1 b0
0: Contents of the up-down flag
1: A signal which is input to pin TA2OUT,
TA3OUT, or TA4OUT
At reset
0
0
0
0
0
0
RW
2
Pulse output function
selection bit
0: No pulse is output. (Pin TA2OUT, TA3OUT, or
TA4OUT functions as a programmable I/O
port.)
1: Pulse is output. (Pin TA2OUT, TA3OUT, or
TA4OUT functions as a pulse output pin.)
0
3
Count polarity selection bit
0: Counting is performed at the falling edge of
the external signal.
1: Counting is performed at the rising edge of
the external signal.
0
0: Reload count type
1: Free-run count type
0: Normal processing
1: Quadruple processing
b7
b0
b7
b0
(b15)
(b8)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1)
in down-counting, or by (FFFF16 – n + 1) in
up-counting.
At reading this register, the counter value is
read out.
Undefined
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com