Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp 7733 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-18
Appendix 3. Control registers
Timer Ai mode register
Bit
7
5
4
3
1
Bit name
At reset
0
0
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
0 0: Timer mode
0 1: Event counter mode
1 0: One-shot pulse mode
1 1: Pulse width modulation (PWM) mode
b1 b0
2
These bits have different functions according to the operating mode.
0
Operating mode selection bits
6
RW
RW
RW
RW
RW
RW
RW
RW
Timer Ai register
b7
b0
b7
b0
(b15)
(b8)
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Undefined
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com