Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 559Page - Renesas Technology Corp 7733 Datasheet HTML 560Page - Renesas Technology Corp 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-15
Appendix 3. Control registers
UARTi transmission buffer register
b7
b0
(b15)
(b8)
b7
b0
UART0 transmission buffer register (addresses 3316, 3216)
UART1 transmission buffer register (addresses 3B16, 3A16)
UART2 transmission buffer register (addresses 6716, 6616)
Bit
Not implemented.
The transmit data is set.
At reset
Un-
defined
RW
Functions
8 to 0
15 to 9
Un-
defined
WO
—
UART0, UART1 transmit/receive control register 0
0: At the falling edge of the transfer
clock, transmit data is output; at
the rising edge of the transfer
clock, receive data is input.
When not in transferring, pin
CLKi’s level is “H.”
1: At the rising edge of the transfer
clock, transmit data is output; at
the falling edge of the transfer
clock, receive data is input.
When not in transferring, pin
CLKi’s level is “L.”
0: The CTS/RTS function is enabled.
1: The CTS/RTS function is disabled.
(P80 and P84 function as
programmable I/O ports.)
(Valid when the CTS/RTS enable
bit is “0.”)
2
CTS
/RTS function selection bit
Bit
1
0
BRG count source selection bits
Bit name
At reset
0: Data is present in the transmission
register. (Transmission is in progress.)
1: No data is present in the transmission
register. (Transmission is completed.)
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
UART0 transmit/receive control register 0 (address 3416)
UART1 transmit/receive control register 0 (address 3C16)
b1 b0
0: The CTS function is selected.
1: The RTS function is selected.
4
CTS
/RTS enable bit
3
Transmission register empty flag
0
1
0
0
0
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: Fix bits 6 and 7 to “0” in the UART mode.
5
Data output selection bit
0: Pin TxDi is set for CMOS output.
1: Pin TxDi is set for N-channel open-
drain output.
0
6
0
7
0: LSB (Least Significant Bit) first
1: MSB (Most Significant Bit) first
0
CLK polarity selection bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note)
Transfer format selection bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note)
RW
RW
RW
RO
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com