Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 561Page - Renesas Technology Corp 7733 Datasheet HTML 562Page - Renesas Technology Corp 7733 Datasheet HTML 563Page - Renesas Technology Corp 7733 Datasheet HTML 564Page - Renesas Technology Corp 7733 Datasheet HTML 565Page - Renesas Technology Corp 7733 Datasheet HTML 566Page - Renesas Technology Corp 7733 Datasheet HTML 567Page - Renesas Technology Corp 7733 Datasheet HTML 568Page - Renesas Technology Corp 7733 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-17
Appendix 3. Control registers
Count start flag
Bit
7
Timer B2 count start flag
6
Timer B1 count start flag
5
Timer B0 count start flag
4
Timer A4 count start flag
3
Timer A3 count start flag
2
Timer A2 count start flag
1
Timer A1 count start flag
0
Timer A0 count start flag
Bit name
At reset
0
0
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Count start flag (address 4016)
0: Counting is stopped.
1: Counting is started.
RW
RW
RW
RW
RW
RW
RW
RW
One-shot start flag
Bit
7 to 5
Not implemented.
4
Timer A4 one-shot start flag
3
Timer A3 one-shot start flag
2
Timer A2 one-shot start flag
1
Timer A1 one-shot start flag
0
Timer A0 one-shot start flag
Bit name
At reset
0
0
Undefined
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
One-shot start flag (address 4216)
1: One-shot pulse output is started.
(Valid when the internal trigger is
selected.)
“0” at reading.
WO
WO
WO
WO
WO
–
Up-down flag
Bit
Bit name
At reset
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Up-down flag (address 4416)
0
0
0
4
Timer A4 up-down flag
3
Timer A3 up-down flag
2
Timer A2 up-down flag
1
Timer A1 up-down flag
0
Timer A0 up-down flag
5
Timer A2 two-phase pulse signal
processing selection bit
6
Timer A3 two-phase pulse signal
processing selection bit
7
Timer A4 two-phase pulse signal
processing selection bit
0: Countdown
1: Countup
This bits is valid when the contents
of the up-down flag is selected as
the up-down switching factor.
0: Two-phase pulse signal
processing function is disabled.
1: Two-phase pulse signal
processing function is enabled.
When not using the two-phase pulse
signal processing function, be sure
to set this bit to “0.”
This bit is “0” at reading.
RW
RW
RW
RW
RW
WO
WO
WO
Note: When writing to bits 5 to 7, use the LDM or STA instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com