Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 670 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 670 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 666Page - Renesas Technology Corp 7733 Datasheet HTML 667Page - Renesas Technology Corp 7733 Datasheet HTML 668Page - Renesas Technology Corp 7733 Datasheet HTML 669Page - Renesas Technology Corp 7733 Datasheet HTML 670Page - Renesas Technology Corp 7733 Datasheet HTML 671Page - Renesas Technology Corp 7733 Datasheet HTML 672Page - Renesas Technology Corp 7733 Datasheet HTML 673Page - Renesas Technology Corp 7733 Datasheet HTML 674Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 940 page
background image
STOP AND WAIT MODES
7735 Group User’s Manual
11–2
11.2 Clock generating circuit
Concerning chapter “11. STOP AND WAIT MODES,” the 7735 Group differs from the 7733 Group in the
following sections. Therefore, only the differences are described in this chapter:
• “11.2 Clock generating circuit”
• “11.3 Stop mode”
• “11.4 Wait mode”
The following section of the 7735 Group is the same as that of the 7733 Group. Therefore, for this section,
refer to part 1:
• “11.1 Overview” (page 11-2 in part 1)
11.2 Clock generating circuit
Concerning section “11.2 Clock generating circuit,” the 7735 Group differs from the 7733 Group in the
following:
• Figures 11.2.3 and 11.2.4
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “11.2 Clock generating circuit” (page 11-3 in part 1)
In the M37735MHBXXXFP, be sure to set bit 3 of the oscillation circuit control register 1 to “0.”
Fig. 11.2.3 Structure of oscillation circuit control register 1
2: Because this bit is “1” at reset, clear this bit to “0” with the initial setting program after
reset.
3: The case where data “01010101 2” is written with the procedure shown in Figure 11.2.4.
is not included.
4: For the 7733 Group, refer to Figure 11.2.3 in part 1.
5:
represents that bits 3 to 7 are not used for the stop and wait modes.
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Main clock division selection bit
Sub clock external input selection bit
Must be fixed to “0” in the one time PROM and EPROM versions (Notes 1 and 2).
Must be fixed to “0” (Note 3).
Clock prescaler reset bit
0
0
0
0
Undefined
0
0
Oscillation circuit control register 1 (address 6F 16)
0: Sub-clock oscillation circuit is operating
by itself. Pin P76 functions as pin XCOUT.
Watchdog timer is used when
terminating stop mode.
1: Sub clock is input from the external.
Pin P76 functions as a programmable
I/O port. Watchdog timer is not used when
terminating stop mode.
RW
RW
RW
RW
WO
—
—
Not implemented.
Not implemented.
b1
b0
b2
b3
b4
b5
b6
b7
Notes 1: When writing to this register, follow the procedure shown in Figure 11.2.4.
By writing “1” to this bit, clock prescaler is
initialized.
RW
1
(Note 4)
0
Undefined
Main clock external input selection bit
0: Main clock is divided by 2.
1: Main clock is not divided by 2.
0: Main-clock oscillation circuit is operating by
itself. Watchdog timer is used when
terminating stop mode.
1: Main clock is input from the external.
Watchdog timer is not used when
terminating stop mode.
Must be fixed to “0” in the mask ROM and external ROM versions (Note 1).
(Note 1)
(Note 1)
(Note 1)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com