Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 673 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 673 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 669Page - Renesas Technology Corp 7733 Datasheet HTML 670Page - Renesas Technology Corp 7733 Datasheet HTML 671Page - Renesas Technology Corp 7733 Datasheet HTML 672Page - Renesas Technology Corp 7733 Datasheet HTML 673Page - Renesas Technology Corp 7733 Datasheet HTML 674Page - Renesas Technology Corp 7733 Datasheet HTML 675Page - Renesas Technology Corp 7733 Datasheet HTML 676Page - Renesas Technology Corp 7733 Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 940 page
background image
STOP AND WAIT MODES
7735 Group User’s Manual
11–5
Fig. 11.3.1 Output level setting example in stop mode (Memory expansion or Microprocessor mode)
11.3 Stop mode
STP instruction is
executed.
Note 2: This bit’s value also affects the pin state in the wait mode.
(Refer to Figure 11.4.1.)
Setting of the output levels for the external bus, chip select signals, and bus control signals (not including RDE)
b7
b0
Port P0 direction register (address 4 16)
Port P1 direction register (address 5 16)
Port P2 direction register (address 8 16)
Port P3 direction register (address 9 16)
Must be fixed to “FF 16.”
1 1 11111 1
b7
b0
Set output level by the bit which corresponds to each pin.
0: “L” level output
1: “H” level output
Note 3: This bit's value also affects the following:
• Output state of bus control signals and others after the stop mode is terminated (Refer to chapter
“12. CONNECTING EXTERNAL DEVICES” )
• Pin state in the wait mode. (Refer to Figure 11.4.1.)
Furthermore, description of pin P4 2/
1
is applied only in the microprocessor mode.
Setting of RDE signal’s output level (Setting of pin P4 2/
1
’s state)
b7
b0
Oscillation circuit control register 0 (address 6C 16)
Signal output disable selection bit ( Note 3)
0: In the stop mode, pin E/RDE outputs “H” level, and pin P4 2/
1
outputs “L” level.
1: In the stop mode, pin E/RDE outputs “L” level, and pin P4 2/
1
outputs bit 2’s value of port P4 register.
Port function control register (address 6D 16)
Standby state selection bit ( Note 2)
b7
b0
Setting of the standby state selection bit to “1”
01
b7
b0
Port P4 direction register (address C 16)
1
b7
b0
Port P4 register (address A 16)
0: “L” level output
1: “H” level output
• When setting the signal output disable
selection bit to “1” in the microprocessor
mode
• When setting the clock
1
output selection
bit to “0” in the memory expansion mode
• When setting the signal output disable selection
bit to “0” in the microprocessor mode
• When setting the clock
1
output selection bit to
“1” in the memory expansion mode
Note 1: This is applied only in the microprocessor mode.
In the memory expansion mode, it may be “0” or “1”
because the I/O port function is selected.
(Note 1)
Port P0 register (address 2 16)
Port P1 register (address 3 16)
Port P2 register (address 6 16)
Port P3 register (address 7 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com