Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 675 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 675 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 671Page - Renesas Technology Corp 7733 Datasheet HTML 672Page - Renesas Technology Corp 7733 Datasheet HTML 673Page - Renesas Technology Corp 7733 Datasheet HTML 674Page - Renesas Technology Corp 7733 Datasheet HTML 675Page - Renesas Technology Corp 7733 Datasheet HTML 676Page - Renesas Technology Corp 7733 Datasheet HTML 677Page - Renesas Technology Corp 7733 Datasheet HTML 678Page - Renesas Technology Corp 7733 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 940 page
background image
STOP AND WAIT MODES
7735 Group User’s Manual
11–7
Table 11.4.2 Pin state in wait mode
State
Single-chip mode
Memory expansion
Microprocessor mode
mode
Pins
When the standby state
selection bit∗1 = “0”
When the standby state
selection bit∗1 = “1”
s When the signal output
disable selection bit =
“0,” “H” level is output.
s When the signal output
disable selection bit =
“1,” “L” level is output.
s When the signal output
disable selection bit =
“0,” “H” level is output.
s When the signal output
disable selection bit =
“1,” “L” level is output.
Same as in the micro-
processor mode
“H” level is output.
__
E
____
RDE,
____
WEL,
____
WEH,
____ ____
CS0
–CS4,
_____
RSMP,
_____
HLDA
ALE
A0/D0–A15/D15,
A16, A17
Output level can be set.
(Refer to section
“11.4.2 Output levels
of external bus and
bus control signals
in wait mode”)
“L” level is output.
Retains the same
state in which the
WIT instruction is ex-
ecuted.
s When the signal output
disable selection bit*3 = “0”
φ1: Stopped when the
system clock stop bit at
wait state = “0.”
“L” level is output when
the system clock stop
bit at wait state = “1.”
s When the signal output
disable selection bit = “1”
P42: Bit 2’s value of port P4
register is output (Note).
s When the clock
φ1 output selection bit*2 = “1”
φ1: Operating when the system clock stop bit
at wait state*4 = “0.”
“L” level is output when the system clock
stop bit at wait state = “1.”
s When the clock
φ1 output selection bit = “0”
P42: Retains the same state
in which the WIT instruction is
executed.
P42/
φ1
P0 to P8
(not including P42)
: Retains the same
state in which
the WIT instruction
is executed.
P43 to P47, P5 to P8
: Retains the same state
in which the WIT instruction is executed.
Ports
Standby state selection bit*1: Bit 0 at address 6D16 (Refer to Figure 11.4.1.)
Clock
φ1 output selection bit*2: Bit 7 at address 5E16
(Refer to section “12.1 Signals required for accessing external devices.”)
Signal output disable selection bit*3: Bit 6 at address 6C16
(Refer to section “12.1 Signals required for accessing external devices.”)
System clock stop bit at wait state*4: Bit 5 at address 6C16
(Refer to section “11.4.1 State of clocks f2 to f512 in wait mode.”)
Note: Make sure to set bit 2 of the port P4 direction register to “1.”
11.4 Wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com