Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 691 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 691 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 687Page - Renesas Technology Corp 7733 Datasheet HTML 688Page - Renesas Technology Corp 7733 Datasheet HTML 689Page - Renesas Technology Corp 7733 Datasheet HTML 690Page - Renesas Technology Corp 7733 Datasheet HTML 691Page - Renesas Technology Corp 7733 Datasheet HTML 692Page - Renesas Technology Corp 7733 Datasheet HTML 693Page - Renesas Technology Corp 7733 Datasheet HTML 694Page - Renesas Technology Corp 7733 Datasheet HTML 695Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–15
Address
Address
RDE
ALE
CS0 to CS4
A16, A17
WEH
WEL
“H”
A0/D0 to
A7/D7
A8 to A15
Address
Data (even)
Address
Data (odd)
Address
Address
(i) Read starting from even or odd address
RDE
ALE
CS0 to CS4
A0/D0 to
A7/D7
A16, A17
Address
A8 to A15
Address
WEH
WEL
“H”
“H”
Address
Address
(Note)
(Note)
Address
Address
Address
Address
RDE
ALE
CS0 to CS4
A16, A17
WEH
WEL
“H”
A0/D0 to
A7/D7
A8 to A15
Address
Data (odd)
Address
Data (even)
Address
Address
q When external data bus is 8 bits wide (BYTE = “H” )
<8/16-bit data access>
g When 16-bit data is accessed, the low-order 8 bits of data
are accessed first, and then, the high-order 8 bits are accessed.
8-bit data access
16-bit data access
(j) Write starting from even address
(k) Write starting from odd address
8-bit data access
16-bit data access
8-bit data access
16-bit data access
Note: These pins which function as the external bus enter
the floating state. While these pins are in the floating
state, data on the data bus is fetched into the data
buffer of the BIU.
Fig. 12.1.9 Operating waveform example of signals which are input to or output from the external (3)
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com