Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 688 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 688 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 684Page - Renesas Technology Corp 7733 Datasheet HTML 685Page - Renesas Technology Corp 7733 Datasheet HTML 686Page - Renesas Technology Corp 7733 Datasheet HTML 687Page - Renesas Technology Corp 7733 Datasheet HTML 688Page - Renesas Technology Corp 7733 Datasheet HTML 689Page - Renesas Technology Corp 7733 Datasheet HTML 690Page - Renesas Technology Corp 7733 Datasheet HTML 691Page - Renesas Technology Corp 7733 Datasheet HTML 692Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–12
12.1.8 Operation of bus interface unit (BIU)
Figures 12.1.7 to 12.1.9 show operating waveform examples of signals which are input to or output from
the external when accessing external devices. These waveforms are described in relation to the basic
operating waveforms. (Refer to section “2.2.3 Operation of bus interface unit (BIU).”)
(1) When fetching an instruction into an instruction queue buffer
Œ When an instruction which is next fetched resides at an even address
When the external data bus is 16 bits wide, the BIU fetches two bytes of the instruction at a time
with waveform (a). When the external data bus is 8 bits wide, the BIU fetches only one byte of the
instruction with the first half of waveform (i).
 When an instruction which is next fetched resides at an odd address
When the external data bus is 16 bits wide, the BIU fetches only one byte of the instruction with
waveform (g). When the external data bus is 8 bits wide, the BIU fetches only one byte of the
instruction with the first half of waveform (i).
When branched to an odd address by executing a branch instruction or others with the 16-bit external
data bus, at first, the BIU fetches one byte of an instruction with waveform (g) and then fetches
instructions by the two bytes with waveform (a).
(2) When reading or writing data from or to memory • I/O
Œ When accessing 16-bit data which starts from an even address, waveform (a), (b), (i) or (j) is
applied.
 When accessing 16-bit data which starts from an odd address, waveform (c), (d), (i) or (k) is
applied.
Ž When accessing 8-bit data which resides at an even address, waveform (e), (f) or the first half of
waveform (i) or (j) is applied.
 When accessing 8-bit data which resides at an odd address, waveform (g), (h) or the first half of
waveform (k) is applied.
For instructions which are affected by data length flag (m) and index register length flag (x), an
operation is applied as follows.:
•When “m” or “x” = “0,” operation Œ or  is applied.
•When “m” or “x” = “1,” operation Ž or  is applied.
Settings of flags “m” and “x” and selection of the external data bus width do not affect each other.
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com