Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 684 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 684 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 680Page - Renesas Technology Corp 7733 Datasheet HTML 681Page - Renesas Technology Corp 7733 Datasheet HTML 682Page - Renesas Technology Corp 7733 Datasheet HTML 683Page - Renesas Technology Corp 7733 Datasheet HTML 684Page - Renesas Technology Corp 7733 Datasheet HTML 685Page - Renesas Technology Corp 7733 Datasheet HTML 686Page - Renesas Technology Corp 7733 Datasheet HTML 687Page - Renesas Technology Corp 7733 Datasheet HTML 688Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 684 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–8
12.1.2 External data bus width selection signal (Pin BYTE’s level)
This signal is used to select the external data bus width from 8 bits and 16 bits. When this signal level
is “L,” the external data bus is 16 bits wide; when this signal level is “H,” the external data bus is 8 bits
wide. (Refer to Table 12.1.1.) This signal level must be fixed to either “H” or “L.”
This signal is valid only for the external areas. (When the internal area is accessed, the data bus is always
16 bits wide.)
____
____
____
12.1.3 Read enable signal (RDE) and Write enable signals (WEL, WEH)
These signals are output when data is read or written from or to the external area. When the internal area
is accessed, these signals are stopped at “H” level by setting the signal output disable selection bit (bit 6
at address 6C16) to “1.” (Refer to Table 12.1.4.)
Table 12.1.2 Functions of read enable signal and write enable signals
External data bus state
Data is read out.
1-byte data is written to even address.
1-byte data is written to odd address.
1-word data is written.
Data is read out.
Data is written.
External data bus width
16 bits
(BYTE = “L”)
8 bits
(BYTE = “H”)
____
RDE
H
L
H
H
H
H
L
H
____
WEL
H
H
L
H
L
H
H
L
____
WEH
H
H
H
L
L
H
H
H
12.1.4 Address latch enable signal (ALE)
This signal is used to latch an address from a multiplexed signal. This multiplexed signal consists of the
address and data and is input or output to or from pins A0/D0 to A15/D15, A16/D0 to A23/D7. When this signal
level is “H,” take the address into a latch and output it simultaneously. When this signal level is “L,” retain
the latched address.
____
_____
12.1.5 Signals related to ready function (RDY, RSMP)
These signals are required to use the ready function. (Refer to section “12.3 Ready function.”)
_____
_____
12.1.6 Signals related to hold function (HOLD, HLDA)
These signals are required to use the hold function. (Refer to section “12.4 Hold function.”)
12.1.7 Clock
φ1
This signal has the same period as internal clock
φ.
Whether clock
φ1 is output or stopped can be selected by software. However, the method of this selection
depends on the processor mode. Table 12.1.3 lists the method to select whether to output or stop clock
φ1. Figure 12.1.4 shows the clock φ1 output start timing.
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com