Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 678Page - Renesas Technology Corp 7733 Datasheet HTML 679Page - Renesas Technology Corp 7733 Datasheet HTML 680Page - Renesas Technology Corp 7733 Datasheet HTML 681Page - Renesas Technology Corp 7733 Datasheet HTML 682Page - Renesas Technology Corp 7733 Datasheet HTML 683Page - Renesas Technology Corp 7733 Datasheet HTML 684Page - Renesas Technology Corp 7733 Datasheet HTML 685Page - Renesas Technology Corp 7733 Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–6
____
____
12.1.1 External bus (A0/D0 to A15/D15, A16 and A17) and chip select signals (CS0 to CS4)
The address (A0 to A17) and chip select signals are output and specify the external area. Figures 12.1.2
and 12.1.3 show the external areas specified by these signals. An area specified by a chip select signal
does not the internal area. (When the internal area is accessed, the chip select signal is not output.)
Pins A8 to A15 of the external address bus and pins D0 to D15 of the external data bus share the same
pins. When pin BYTE’s level, which is described later, is “L” (in other words, when the external data bus
is 16 bits wide), pins A0/D0 to A15/D15 perform address output and data input/output with the time-sharing
method. When pin BYTE’s level is “H” (in other words, when the external data bus is 8 bits wide), pins A0/
D0 to A7/D7 perform address output and data input/output with the time-sharing method and pins A8 to A15
output the address.
Fig. 12.1.2 External area (Memory expansion mode)
12.1 Signals required for accessing external devices
: External area specified by address and chip select signal
00000016
00100016
Memory expansion mode (for M37735MHBXXXFP)
02000016
0FFFFF16
04000016
08000016
0C000016
CS1
CS2
CS3
CS4
00008016
Memory allocation selection bits
(b2,b1,b0) =
00000016
00100016
02000016
0FFFFF16
04000016
08000016
0C000016
CS1
CS2
CS3
CS4
00008016
00200016
CS0
(0,0,1)
00000016
00100016
02000016
0FFFFF16
04000016
08000016
0C000016
CS1
CS2
CS3
CS4
00008016
00800016
CS0
(1,1,0)
00000016
00100016
0FFFFF16
04000016
08000016
0C000016
CS1
CS2
CS3
CS4
00008016
00800016
CS0
(1,1,1)
(0,0,0)
g The memory allocation selection bits must be set as above.
01000016
Internal RAM
area
SFR area
Internal ROM
area
Internal RAM
area
SFR area
Internal ROM
area
Internal RAM
area
SFR area
Internal ROM
area
Internal RAM
area
SFR area
Internal ROM
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com