Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 685 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 685 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 681Page - Renesas Technology Corp 7733 Datasheet HTML 682Page - Renesas Technology Corp 7733 Datasheet HTML 683Page - Renesas Technology Corp 7733 Datasheet HTML 684Page - Renesas Technology Corp 7733 Datasheet HTML 685Page - Renesas Technology Corp 7733 Datasheet HTML 686Page - Renesas Technology Corp 7733 Datasheet HTML 687Page - Renesas Technology Corp 7733 Datasheet HTML 688Page - Renesas Technology Corp 7733 Datasheet HTML 689Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–9
Table 12.1.3 Method to select whether to output or stop clock
φ1
Clock
φ1 output
Clock
φ1 stopped
Remark
Processor mode
Single-chip or Memory expansion mode
Microprocessor mode
Clear the signal output disable
selection bit*2 to “0.”
Set the signal output disable
selection bit to “1.” (Note)
Clock
φ1 is output after reset.
The clock
φ1 output selection bit is
ignored.
Set the clock
φ1 output selection bit*1 to
“1.”
Clear the clock
φ1 output selection bit to
“0.” (Pin P42 functions as a programmable
I/O port.)
Clock
φ1 is stopped after reset.
The signal output disable selection bit is
ignored.
Clock
φ1 output selection bit*1: Bit 7 at address 5E16
Signal output disable selection bit*2: Bit 6 at address 6C16 (Refer to Table 12.1.4.)
Note: When bit 2 at address C16 (Port P4 direction register) is set to “1,” bit 2 of the port P4 register is
output.
Table 12.1.4 Functions of signal output disable bit
Processor
mode
Conditions
Signal output disable selection bit
0
Memory
expansion or
Microprocessor
mode
Signals
____
RDE,
____
WEL,
____
WEH
____
RDE,
____
WEL,
____
WEH
____
RDE,
____
WEL,
____
WEH
Clock
φ1
1
When the external area is accessed
When the internal area is accessed
When the standby state selection
bit = “1” in the stop or wait mode
When the standby state selection
bit = “0” in the stop or wait mode
Operating
Operating
Stopped at “H” level
Stopped at “H” level
Stopped at “L” level
Stopped at “H” level
Stopped (Output levels can be set.)
(Refer to Figures 11.3.1 and 11.4.1.)
Stopped (Note)
Microprocessor
mode
Enable signal
__
E
When not in the stop or wait mode
Single-chip
mode
When in the stop or wait mode
Operating
Stopped at “H” level
Stopped at “L” level
Stopped at “L” level
g All functions listed in Table 12.1.4 are not emulated by a debugger.
g For the stop and wait modes and the standby state selection bit, refer to chapter “11. STOP AND WAIT
MODES.”
Note: When bit 2 at address C16 (Port direction register) is set to “1,” bit 2 of the port P4 register is output.
:Not affected by the signal output disable selection bit.
Each signal’s state
Operating (independent
of the
φ1 output selection
bit)
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com