Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 681 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 681 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 677Page - Renesas Technology Corp 7733 Datasheet HTML 678Page - Renesas Technology Corp 7733 Datasheet HTML 679Page - Renesas Technology Corp 7733 Datasheet HTML 680Page - Renesas Technology Corp 7733 Datasheet HTML 681Page - Renesas Technology Corp 7733 Datasheet HTML 682Page - Renesas Technology Corp 7733 Datasheet HTML 683Page - Renesas Technology Corp 7733 Datasheet HTML 684Page - Renesas Technology Corp 7733 Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–5
RSMP
A8/D8 to A15/D15
RSMP
ALE
A8 to A15
D(odd)
ALE
A0/D0 to A7/D7
A8 to A15
A0 to A7
D(even)
A0 to A7
D
D : Data
ALE
ALE
RSMP
P
1
E/RDE
RDE
(Note 2)
1
A8/D8
to A15/D15
P43 to P47
A0/D0
to A7/D7
A8 to A15
A0/D0
to A7/D7
(Note 3)
ALE
HLDA
WEL
HLDA
1
P43 to P47
A16, A17
A16, A17
A16, A17
CS0 to CS4
CS0 to CS4
(Note 1)
CS0 to CS4
WEL
WEL
(Note 2)
WEL
(Note 2)
WEL
HLDA
HLDA
HLDA
WEH
WEH
(Note 2)
(“H” level output)
WEH
WEH
RDY
RDY
RDY
HOLD
HOLD
HOLD
Pin name
16 bits
(BYTE = “L”)
8 bits
(BYTE = “H”)
External data
bus width
Notes 1: When the internal area is accessed, signals CS0 to CS4 are not output. (Output levels are fixed to “H.”)
2: These signals are affected by the signal output disable selection bit (bit 6 at address 6C 16). (Refer to Table
12.1.4.)
3: In the memory expansion mode, this pin functions as a programmable I/O port. Furthermore, it can be
switched to be a clock
1
output pin when selected by software. In the microprocessor mode, this signal is
affected by the signal output disable selection bit (bit 6 at address 6C 16). (Refer to Table 12.1.3.)
P : Functions as programmable I/O port
D(odd) : Data at odd
address
D(even) : Data at even
address
__ ____
Table 12.1.1 Functions of ports P0 to P4 and pin E/RDE in memory expansion or microprocessor
mode
12.1 Signals required for accessing external devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com