Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 676Page - Renesas Technology Corp 7733 Datasheet HTML 677Page - Renesas Technology Corp 7733 Datasheet HTML 678Page - Renesas Technology Corp 7733 Datasheet HTML 679Page - Renesas Technology Corp 7733 Datasheet HTML 680Page - Renesas Technology Corp 7733 Datasheet HTML 681Page - Renesas Technology Corp 7733 Datasheet HTML 682Page - Renesas Technology Corp 7733 Datasheet HTML 683Page - Renesas Technology Corp 7733 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–4
Fig. 12.1.1 Pin configuration in memory expansion or microprocessor mode (Top view)
12.1 Signals required for accessing external devices
A4/D4(P24)
A5/D5(P25)
A6/D6(P26)
A7/D7(P27)
WEL(P30)
WEH(P31)
ALE(P32)
HLDA(P33)
Vss
RDE
XOUT
XIN
RESET
CNVSS
BYTE
HOLD
25
27
26
28
34
29
30
31
32
33
35
36
37
38
39
40
14
3
25
P83/TXD0
P82/RXD0/CLKS0
P81/CLK0
P80/CTS0/RTS0/CLKS1
VCC
AVCC
VREF
AVSS
VSS
P77/AN7/XCIN
P76/AN6/XCOUT
P75/AN5/ADTRG/TxD2
P74/AN4/RxD2
P73/AN3/CLK2
P72/AN2/CTS2
P71/AN1
678
9
10 11 12 13 14 15 16 17 18 19 20 21
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44
80
79
78
77
76
75
74
73
72
71
69
68
67
66
65
70
43 42
41
M37735MHBXXXFP
22 23 24
A4/D4(P24)
A5/D5(P25)
A6/D6(P26)
A7/D7(P27)
WEL(P30)
WEH(P31)
ALE(P32)
HLDA(P33)
Vss
RDE
XOUT
XIN
RESET
CNVSS
BYTE
HOLD
14
3
2
56789
10 11 12 13 14 15 16 17 18 19 20 21 22 23
24
25
27
26
28
34
29
30
31
32
33
35
36
37
38
39
40
P83/TXD0
P82/RXD0/CLKS0
P81/CLK0
P80/CTS0/RTS0/CLKS1
VCC
AVCC
VREF
AVSS
VSS
P77/AN7/XCIN
P76/AN6/XCOUT
P75/AN5/ADTRG/TxD2
P74/AN4/RxD2
P73/AN3/CLK2
P72/AN2/CTS2
P71/AN1
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44
80
79
78
77
76
75
74
73
72
71
69
68
67
66
65
70
43 42
41
M37735MHBXXXFP
*2
When external data bus is 8 bits wide (BYTE = “H”)
: External address bus, external data
bus, chip select signals, and bus control signals
g
2
1 in the microprocessor mode
When external data bus is 16 bits wide (BYTE = “L”)
: External address bus, external data
bus, chip select signals, and bus control signals
g
1 in the microprocessor mode
By setting the port register and port direction
register which correspond to the port shown in
( ), the corresponding pin’s level can be fixed
in the stop or wait mode.
By setting the port register and port direction
register which correspond to the port shown in
( ), the corresponding pin’s level can be fixed
in the stop or wait mode.
1
1
g
"H"level is output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com