Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 692Page - Renesas Technology Corp 7733 Datasheet HTML 693Page - Renesas Technology Corp 7733 Datasheet HTML 694Page - Renesas Technology Corp 7733 Datasheet HTML 695Page - Renesas Technology Corp 7733 Datasheet HTML 696Page - Renesas Technology Corp 7733 Datasheet HTML 697Page - Renesas Technology Corp 7733 Datasheet HTML 698Page - Renesas Technology Corp 7733 Datasheet HTML 699Page - Renesas Technology Corp 7733 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–20
M37735MHBXXXFP
RDY
RSMP
CSn
n : 0 to 4
Chip select signal
_____
Fig. 12.3.1 Connection example when signal RSMP is used
12.3.1 Operation in ready state
____
When “L” level is input to pin RDY, this signal is accepted at the falling edge of clock
φ1 and the microcomputer
____
enters the ready state. The ready state can be terminated by setting pin RDY’s level to “H” again. When
____
“H” level is input to pin RDY, this signal is also accepted at the falling edge of clock
φ1 and the ready state
is terminated. Figure 12.3.2 shows timings when the ready state is accepted and terminated.
When generating a wait which is equivalent to 1 cycle of clock
φ1 by using the ready function, use signals
_____
____
RSMP
and CSn (n = 0 to 4). These signals facilitate to generate a signal input to pin RDY. Figure 12.3.1
_____
_____
shows a connection example when signal RSMP is used. Note that signal RSMP is affected by the software
_____
wait. Figure 12.3.3 shows the relationship between the software wait and signal RSMP.
Refer to section “17.1 Memory expansion” for the way to use the ready function.
12.3 Ready function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com