Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 697 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 697 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 693Page - Renesas Technology Corp 7733 Datasheet HTML 694Page - Renesas Technology Corp 7733 Datasheet HTML 695Page - Renesas Technology Corp 7733 Datasheet HTML 696Page - Renesas Technology Corp 7733 Datasheet HTML 697Page - Renesas Technology Corp 7733 Datasheet HTML 698Page - Renesas Technology Corp 7733 Datasheet HTML 699Page - Renesas Technology Corp 7733 Datasheet HTML 700Page - Renesas Technology Corp 7733 Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–21
: Ready state
: Software wait
• One of signals RDE, WEL, and WEH
• Signals WEL and WEH
g One of the following is applied.:
<<No wait>>
Sampling timing
Clock
1
CPU
RDY
ALE

Œ
Ž
Bus is not in use.
Bus is in use.
 Ready state is terminated.
Œ “L” level which is input to pin RDY is
accepted, so that signal g is stopped
at “H” level for 1cycle of clock
1
(area
), and
CPU
is stopped
at “L” level.
 “L” level which is input to pin RDY
is not accepted, but
CPU
is stopped at
“L” level.
Ž “L” level which is input to pin RDY
is accepted, so that signal g is stopped
at “L” level for 1cycle of clock
1
(area
), and
CPU
is stopped at
“L” level.
 “L” level which is input to pin RDY is not
accepted because it is sampled
immediately before a wait generated by
software wait (area
), but
CPU
is
stopped at “L” level.
Sampling timing
Clock
1
CPU
RDY
ALE
<<Wait 0>>
Bus is in use.
Sampling timing
Clock
1
CPU
RDY
ALE
<<Wait 1>>
Bus is in use.

Ž

Ž
g
g
g
_____
Fig. 12.3.2 Timings when ready state is accepted and terminated (when not using signal RSMP)
12.3 Ready function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com