Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 697Page - Renesas Technology Corp 7733 Datasheet HTML 698Page - Renesas Technology Corp 7733 Datasheet HTML 699Page - Renesas Technology Corp 7733 Datasheet HTML 700Page - Renesas Technology Corp 7733 Datasheet HTML 701Page - Renesas Technology Corp 7733 Datasheet HTML 702Page - Renesas Technology Corp 7733 Datasheet HTML 703Page - Renesas Technology Corp 7733 Datasheet HTML 704Page - Renesas Technology Corp 7733 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–25
12.4 Hold function
External address bus
Œ Because the bus is not in use, the address which was output immediately before is
output again, instead of a new address.
HLDA
HOLD
BHE
ALE
g
External address bus/
External data bus
Sampling timing
Note: The same operation is performed independent of the software wait (no wait, wait 0, or wait 1).
This diagram shows the operation when no wait is selected.
CS0 to CS4
Clock
1
External data bus
Data length
External data bus width
Software wait
16
8, 16
No wait,
Not in use
q State when “L” level is input to pin HOLD
Wait 1, Wait 0
8, 16
8
<<When “L” level is input to pin HOLD while bus is not in use>>
Address B
1 !
1
1 !
1
Œ
Bus is in use.
Bus is not in use.
Address A
Data
Address A
Floating
Floating
Bus is in use.
Hold state
g RDE, WEL, WEH
Fig. 12.4.2 Timing when hold state is accepted and terminated (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com