Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 721 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 721 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 717Page - Renesas Technology Corp 7733 Datasheet HTML 718Page - Renesas Technology Corp 7733 Datasheet HTML 719Page - Renesas Technology Corp 7733 Datasheet HTML 720Page - Renesas Technology Corp 7733 Datasheet HTML 721Page - Renesas Technology Corp 7733 Datasheet HTML 722Page - Renesas Technology Corp 7733 Datasheet HTML 723Page - Renesas Technology Corp 7733 Datasheet HTML 724Page - Renesas Technology Corp 7733 Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7735 Group User’s Manual
15–7
Symbol
td(CS–WE)
td(CS–RDE)
th(WE–CS)
th(RDE–CS)
td(An–WE)
td(An–RDE)
td(A–WE)
td(A–RDE)
th(WE–An)
th(RDE–An)
tw(ALE)
tsu(A–ALE)
th(ALE–A)
td(ALE–WE)
td(ALE–RDE)
td(WE–DQ)
th(WE–DQ)
tw(WE)
tpxz(RDE–DZ)
tpzx(RDE–DZ)
tw(RDE)
td(RSMP–WE)
td(RSMP–RDE)
th(
φ 1–RSMP)
15.9 Memory expansion mode and Microprocessor mode : with wait 1
15.9 Memory expansion mode and Microprocessor mode : with wait 1
Timing requirements (Vcc = 5 V
± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
tc
tw(H)
tw(L)
tr
tf
tsu(D–RDE)
th(RDE–D)
Min.
ns
ns
ns
ns
ns
ns
ns
Limits
Unit
External clock input cycle time (Note 2)
External clock input high-level pulse width (Note 3)
External clock input low-level pulse width (Note 3)
External clock rise time
External clock fall time
Data input setup time
Data input hold time
40
15
15
32
0
Parameter
Max.
8
8
Symbol
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: When the main clock division selection bit = “1,” the minimum value of tc = 80 ns.
3: When the main clock division selection bit = “1,” values of tw(H)/tc and tw(L)/tc must be set to values
from 0.45 through 0.55.
Switching characteristics (Vcc = 5 V
± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1),
unless otherwise noted)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Data formula (Min.)
1 ! 109
2•f(f2)
1 ! 109
2• f(f2)
1 ! 109
2• f(f2)
1 ! 109
2• f(f2)
1 ! 109
2• f(f2)
1 ! 109
2• f(f2)
Parameter
Chip-select output delay time
Chip-select hold time
Address output delay time
Address output delay time
Address hold time
ALE pulse width
Address output setup time
Address hold time
ALE output delay time
Data output delay time
Data hold time
____
____
WEL, WEH
pulse width
Floating start delay time
Floating release delay time
____
RDE
pulse width
_____
RSMP
output delay time
_____
RSMP
hold time
φ 1 output delay time
Conditions
Fig. 15.11.1 in
part 1
45
5
18
– 28
– 28
– 28
– 22
– 18
– 35
1 ! 109
2• f(f2)
4 ! 109
2• f(f2)
1 ! 109
2• f(f2)
4 ! 109
2• f(f2)
1 ! 109
2• f(f2)
– 22
– 30
– 20
– 32
– 30
td(WE–
φ 1)
td(RDE–
φ 1)
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
Min.
12
4
12
12
18
22
5
9
4
18
130
20
128
10
0
0
Max.
Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com