Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 724 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 724 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 720Page - Renesas Technology Corp 7733 Datasheet HTML 721Page - Renesas Technology Corp 7733 Datasheet HTML 722Page - Renesas Technology Corp 7733 Datasheet HTML 723Page - Renesas Technology Corp 7733 Datasheet HTML 724Page - Renesas Technology Corp 7733 Datasheet HTML 725Page - Renesas Technology Corp 7733 Datasheet HTML 726Page - Renesas Technology Corp 7733 Datasheet HTML 727Page - Renesas Technology Corp 7733 Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7735 Group User’s Manual
15–10
15.10 Memory expansion mode and Microprocessor mode : with wait 0
td(WE–DQ)
td(WE–PiQ)
td(An–RDE)
tsu(A–ALE)
Address/Data output
A0/D0–A15/D15
(BYTE = “L”)
A0/D0–A7/D7
(BYTE = “H”)
td(CS–WE)
td(WE– 1)
tw(WE)
td(RSMP–WE)
XIN
1
CS0–CS4 output
WEL output
WEH output
RDE output
When external memory area is accessed with wait 0 (Wait bit = “0” and Wait selection bit = “0”)
Memory expansion mode and Microprocessor mode :
td(An–WE)
ALE output
<<Write>>
<<Read>>
tw(H)
tw(L)
tf tr
tc
th(WE–CS)
Address output
A8–A15 (BYTE = “H”)
A16, A17
tw(ALE)
Address
Data
td(A–WE)
Data input
D0–D15 (BYTE = “L”)
D0–D7 (BYTE = “H”)
RSMP output
td(ALE–WE)
th(WE–An)
td(RDE– 1)
th(RDE–CS)
td(CS–RDE)
th(RDE–An)
td(ALE–RDE)
tpxz(RDE–DZ)
tpzx(RDE–DZ)
td(A–RDE)
tsu(D–RDE)
th(RDE–D)
tw(RDE)
td(RSMP–RDE)
Measuring conditions (CS0–CS4, A0/D0–A15/D15, A16, A17,
ALE, WEL, WEH, RDE, RSMP)
•VCC = 5 V ± 10 %
•Output timing voltage : VOL = 0.8 V, VOH = 2.0 V
•Data input
: VIL = 0.8 V, VIH = 2.5 V
Port Pi output
(i = 4–8)
Port Pi input
(i = 4–8)
Measuring conditions (Ports P4–P8)
•VCC = 5 V ± 10 %
•Input timing voltage : VIL = 1.0 V, VIH = 4.0 V
•Output timing voltage : VOL = 0.8 V, VOH = 2.0 V
tsu(PiD–RDE)
th(RDE–PiD)
Address
Address
th(WE–DQ)
tw(H)
tw(L)
tf tr
tc
Data
Data
Address
tw(ALE)
th(ALE–A)
tsu(A–ALE)
Address
th(ALE–A)
th( 1–RSMP)
th( 1–RSMP)
1
)
1
)
td(WE–
td(RDE–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com