Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 745 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 745 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 741Page - Renesas Technology Corp 7733 Datasheet HTML 742Page - Renesas Technology Corp 7733 Datasheet HTML 743Page - Renesas Technology Corp 7733 Datasheet HTML 744Page - Renesas Technology Corp 7733 Datasheet HTML 745Page - Renesas Technology Corp 7733 Datasheet HTML 746Page - Renesas Technology Corp 7733 Datasheet HTML 747Page - Renesas Technology Corp 7733 Datasheet HTML 748Page - Renesas Technology Corp 7733 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–19
17.1.4 Memory expansion example
Figure 17.1.12 shows a memory expansion example (with one 128-Kbyte ROM and two 32-Kbyte SRAMs,
microprocessor mode). Figure 17.1.13 shows the corresponding timing diagram.
17.1 Memory expansion
BYTE
CNVSS
25 MHz
XIN
XOUT
M37735MHBXXXFP
Data bus
AC573
DQ
E
RD
D0 to D15
WO
M5M27C102K-15
D0 to D15
OE
A0 to A15
CE
A1 to A16
S
S
A0 to A14
A0 to A14
DQ1 to DQ8
DQ1 to DQ8
OE
W
OE
W
A1 to A15
A1 to A15
D0 to D7
M5M5256P-15
D8 to D15
WE
Address bus
A16
A0/D0 to
A7/D7
ALE
RDE
WEH
g
WEL
CS1
CS2
Data bus (even)
Data bus (odd)
000016
008016
087F16
800016
1FFFF1
4000016
4FFFF16
External ROM
area
(M5M27C102K-15)
SFR area
Internal RAM
area
External RAM
area
(M5M5256P-15 ! 2)
Memory map
Not used
Not used
A8/D8 to
A15/D15
AC573
DQ
E
g
2
Circuit conditions: Wait 0 is valid,
1 =
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
f(XCIN)
g Make sure that the propagation delay time is 33 ns or less.
or
Fig. 17.1.12 ROM and SRAM expansion example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com