Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 747 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 747 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 743Page - Renesas Technology Corp 7733 Datasheet HTML 744Page - Renesas Technology Corp 7733 Datasheet HTML 745Page - Renesas Technology Corp 7733 Datasheet HTML 746Page - Renesas Technology Corp 7733 Datasheet HTML 747Page - Renesas Technology Corp 7733 Datasheet HTML 748Page - Renesas Technology Corp 7733 Datasheet HTML 749Page - Renesas Technology Corp 7733 Datasheet HTML 750Page - Renesas Technology Corp 7733 Datasheet HTML 751Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–21
17.1.5 I/O expansion example
I/O expansion is realized with the memory-mapped method. The method and points in I/O expansion are
the same as those in memory expansion.
Figure 17.1.15 shows a port expansion example using the M5M81C55P-2. In this example, the M5M81C55P-
2 is connected to the external data bus and programmable I/O ports expand by 22 bits. A reset signal for
__
an external device is supplied from port P43 and IO/M is supplied from port P44.
Note that, when f(XIN) > 10 MHz, bus buffer ALS245A or others is necessary.
17.1 Memory expansion
Fig. 17.1.14 Port expansion example where M5M81C55P-2 is used
CNVss
BYTE
A0/D0
to A7/D7
ALE
M37735MHBXXXFP
WEL
Circuit condition: Wait 0 is valid.
CE
AD0 to AD7
Port C
Port B
Port A
M5M81C55P-2
WR
P44
10 MHz
XIN
XOUT
I/O
RDE
IO/M
ALE
RD
CS1
P43
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com