Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 779Page - Renesas Technology Corp 7733 Datasheet HTML 780Page - Renesas Technology Corp 7733 Datasheet HTML 781Page - Renesas Technology Corp 7733 Datasheet HTML 782Page - Renesas Technology Corp 7733 Datasheet HTML 783Page - Renesas Technology Corp 7733 Datasheet HTML 784Page - Renesas Technology Corp 7733 Datasheet HTML 785Page - Renesas Technology Corp 7733 Datasheet HTML 786Page - Renesas Technology Corp 7733 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–13
20.8 Reset
Fig. 20.8.1 State of SFR area and internal RAM area immediately after reset (1)
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
0
1
?
: Always “0” at reading
0
0
: Always undefined at reading
: “0” immediately after reset.
Must be fixed to “0.”
1016
1116
1216
1316
Port P8 direction register
1416
1516
1616
1716
1816
1916
1A16
1B16
1C16
1D16
1E16
1F16
016
116
216
316
416
516
616
716
816
916
B16
C16
D16
E16
F16
A16
Address
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
A-D control register 0
A-D control register 1
Port P0 register
Port P1 register
Port P2 register
Port P3 register
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 direction register
Register name
Access characteristics
State immediately after reset
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0016
0016
?
?
0016
0016
0016
00
0
0
0
0
000
0
00
0016
0
0
000
?
00
11
b7
b0
b7
b0
sSFR area (addresses 016 to 7F16)
RW
?
?
?
?
?
0016
?
?
?
g The contents of addresses 1C16 and 1D16 of the M37735S4BFP differ from those of the M37735MHBXXXFP.
Abbreviations which represent access characteristics
RW
RW
??
0
?
??
?
?
0016
?
?
?
?
?
Pulse output data register 1
Pulse output data register 0
?
?
?
?
?
?
WO
WO
g
g
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Not implemented. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com