Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 785 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 785 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 781Page - Renesas Technology Corp 7733 Datasheet HTML 782Page - Renesas Technology Corp 7733 Datasheet HTML 783Page - Renesas Technology Corp 7733 Datasheet HTML 784Page - Renesas Technology Corp 7733 Datasheet HTML 785Page - Renesas Technology Corp 7733 Datasheet HTML 786Page - Renesas Technology Corp 7733 Datasheet HTML 787Page - Renesas Technology Corp 7733 Datasheet HTML 788Page - Renesas Technology Corp 7733 Datasheet HTML 789Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 785 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–15
20.9 Electrical characteristics
20.9 Electrical characteristics
Except for “Icc,” the electrical characteristics of the M37735S4BFP are the same as those of the
M37735MHBXXXFP in the microprocessor mode. For the others, refer to chapter “15. ELECTRICAL
CHARACTERISTICS.”
ELECTRICAL CHARACTERISTICS (Vcc = 5 V, Vss = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Max.
22.8
3.2
20
120
10
1
20
Limits
Vcc = 5 V,
f(XIN) = 25 MHz (Square waveform),
(f(f2) = 12.5 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
Vcc = 5V,
f(XIN) = 25 MHz (Square waveform),
(f(f2) = 1.5625 MHz),
f(XCIN) : Stopped,
in operating (Note 1)
Vcc = 5V,
f(XIN) = 25 MHz (Square waveform),
f(XCIN) = 32.768 kHz,
when the WIT instruction is executed (Note 2)
Vcc = 5 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
in operating (Note 3)
Vcc = 5 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
when the WIT instruction is executed (Note 4)
Ta = 25 °C,
when clock is stopped
Ta = 85 °C,
when clock is stopped
Unit
Measuring conditions
Symbol
Parameter
Icc
Power source
current
Min.
Typ.
11.4
1.6
10
60
5
mA
mA
µA
µA
µA
µA
µA
External bus is
operating, output
pins are open,
and the other
pins are con-
nected to Vss.
Notes 1: This is applied when the main clock external input selection bit = “1,” the main clock division
selection bit = “0,” and the signal output disable selection bit = “1.”
2: This is applied when the main clock external input selection bit = “1” and the system clock stop
selection bit at wait state = “1.”
3: This is applied when CPU and the clock timer are operating with the sub clock (32.768 kHz)
selected as the system clock.
4: This is applied when the XCOUT drivability selection bit = “0” and the system clock stop bit at wait
state = “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com