Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 788 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 788 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 784Page - Renesas Technology Corp 7733 Datasheet HTML 785Page - Renesas Technology Corp 7733 Datasheet HTML 786Page - Renesas Technology Corp 7733 Datasheet HTML 787Page - Renesas Technology Corp 7733 Datasheet HTML 788Page - Renesas Technology Corp 7733 Datasheet HTML 789Page - Renesas Technology Corp 7733 Datasheet HTML 790Page - Renesas Technology Corp 7733 Datasheet HTML 791Page - Renesas Technology Corp 7733 Datasheet HTML 792Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–18
20.10 Low voltage version
20.10.3 Functional description
Except for the power-on reset conditions, the M37735S4LHP has the same functions as the M37735S4BFP
For the other functions, refer to the following: “4. INTERRUPTS” to “9. A-D CONVERTER” in part 1, “2.
CENTRAL PROCESSING UNIT (CPU)” in part 2, “3. PROGRAMMABLE I/O PORTS” in part 2, and “10.
WATCHDOG TIMER” to “17. APPLICATIONS” in part 2.
The power-on reset condition of the M37735S4LHP is the same as that of the M37735MHLXXXHP. For the
power-on reset condition, refer to section “18.3 Functional description” in part 1.
20.10.4 Electrical characteristics
Except for “Icc,” the electrical characteristics of the M37735S4LHP are the same as those of the
M37735MHLXXXHP in the microprocessor mode. For the others, refer to section “18.4 Electrical
characteristics” in part 2.
Limits
Vcc = 5 V,
f(XIN) = 12 MHz (Square waveform),
(f(f2) = 6 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
Vcc = 3 V,
f(XIN) = 12 MHz (Square waveform),
(f(f2) = 6 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
Vcc = 3 V,
f(XIN) = 12 MHz (Square waveform),
(f(f2) = 0.75 MHz),
f(XCIN) : Stopped,
in operating (Note 1)
Vcc = 3V,
f(XIN) = 12 MHz (Square waveform),
f(XCIN) = 32.768 kHz,
when the WIT instruction is executed (Note 2)
Vcc = 3 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
in operating (Note 3)
Vcc = 3 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
when the WIT instruction is executed (Note 4)
Ta = 25 °C,
when clock is stopped
Ta = 85 °C,
when clock is stopped
ELECTRICAL CHARACTERISTICS (Vcc= 5 V, Vss = 0 V, Ta = –40 to 85 °C, unless otherwise noted)
Unit
Measuring conditions
Symbol
Parameter
ICC
Power source
current
Min.
Typ.
5.4
3.6
0.5
6
40
3
mA
mA
mA
µA
µA
µA
µA
µA
Max.
10.8
7.2
1.0
12
80
6
1
20
Notes 1: This is applied when the main clock external input selection bit = “1,” the main clock division
selection bit = “0,” and the signal output disable selection bit = “1.”
2: This is applied when the main clock external input selection bit = “1” and the system clock stop
bit at wait state = “1.”
3: This is applied when CPU and the clock timer are operating with the sub clock (32.768 kHz)
selected as the system clock.
4: This is applied when the XCOUT drivability selection bit = “0” and the system clock stop bit at wait
state = “1.”
External bus is
operating,
output pins are
open, and the
other pins are
connected
to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com