Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 791 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 791 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 787Page - Renesas Technology Corp 7733 Datasheet HTML 788Page - Renesas Technology Corp 7733 Datasheet HTML 789Page - Renesas Technology Corp 7733 Datasheet HTML 790Page - Renesas Technology Corp 7733 Datasheet HTML 791Page - Renesas Technology Corp 7733 Datasheet HTML 792Page - Renesas Technology Corp 7733 Datasheet HTML 793Page - Renesas Technology Corp 7733 Datasheet HTML 794Page - Renesas Technology Corp 7733 Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-3
Appendix 1. Memory allocation of 7735 Group
1. M37735MHBXXXFP, M37735EHBXXXFP, M37735EHBFS, M37735MHLXXXHP, M37735EHLXXXHP
Fig. 1 Memory allocation of M37735MHBXXXFP, M37735EHBXXXFP, M37735EHBFS, M37735MHLXXXHP,
M37735EHLXXXHP (1)
Appendix 1. Memory allocation of 7735 Group
01FFFF16
100000 16
000000 16
00007F 16
000080 16
000FFF 16
FFFFFF16
001000 16
00FFFF16
010000 16
002000 16
000000 16
00007F 16
000080 16
000FFF 16
00FFFF16
010000 16
01FFFF16
FFFFFF16
000000 16
00007F 16
INT1
INT0
DBC
R ESET
00FFD 616
00FFFE16
0FFFFF16
SFR area
Internal RAM area
3968 bytes
Bank 016
Bank 116
Bank FF16
Internal ROM area
60 Kbytes
Internal ROM area
64 Kbytes
Bank 216
(4 Kbytes)
A-D/UART2 trans./rece.
UART1 reception
UART0 reception
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2/Key input
Watchdog timer
BRK instruction
Zero divide
Interrupt vector
table
SFR area
Internal RAM area
3968 bytes
Internal ROM area
56 Kbytes
Internal ROM area
64K bytes
Peripheral device
control registers
(SFR)
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 0)
• ROM size: 124 Kbytes
• RAM size: 3.9 Kbytes
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 1)
• ROM size: 120 Kbytes
• RAM size: 3.9 Kbytes
UART1 transmission
UART0 transmission
: Unused area in the single-chip mode
External memory area in the
memory expansion or
microprocessor mode
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
“2.5 Processor modes” in part 1.)
2: In the 7735 Group, banks 1016 to FF16 cannot be accessed.
Refer to
Appendix 2.
Bank 1016
(Refer to section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com