Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 792 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 792 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 788Page - Renesas Technology Corp 7733 Datasheet HTML 789Page - Renesas Technology Corp 7733 Datasheet HTML 790Page - Renesas Technology Corp 7733 Datasheet HTML 791Page - Renesas Technology Corp 7733 Datasheet HTML 792Page - Renesas Technology Corp 7733 Datasheet HTML 793Page - Renesas Technology Corp 7733 Datasheet HTML 794Page - Renesas Technology Corp 7733 Datasheet HTML 795Page - Renesas Technology Corp 7733 Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-4
Fig. 2 Memory allocation of M37735MHBXXXFP, M37735EHBXXXFP, M37735EHBFS, M37735MHLXXXHP,
M37735EHLXXXHP (2)
Appendix 1. Memory allocation of 7735 Group
00FFFF16
01000016
UART1 transmission
01FFFF16
FF000016
00000016
00007F16
00008016
00087F16
FFFFFF16
00100016
00000016
00007F16
00008016
00087F16
00FFFF16
01000016
FFFFFF16
00000016
RESET
00007F16
00FFD616
00FFFE16
A-D/UART2 trans./rece.
02000016
00800016
SFR area
Internal RAM area
2048 bytes
Bank 016
Bank 116
Bank FF16
Internal ROM area
60 Kbytes
Bank 216
(29.9 Kbytes)
UART1 reception
UART0 reception
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2/Key input
INT1
INT0
Watchdog timer
DBC
BRK instruction
Zero divide
Interrupt vector
table
SFR area
Internal RAM area
2048 bytes
Peripheral device
control registers
(SFR)
: Unused area in the single-chip mode
External memory area in the
memory expansion or
microprocessor mode
• Memory allocation selection bits (b2, b1, b0)=(0, 1, 0)
• ROM size: 60 Kbytes
• RAM size: 2048 bytes
• Memory allocation selection bits (b2, b1, b0)=(1, 0, 0)
• ROM size: 32 Kbytes
• RAM size: 2048 bytes
(1.9 Kbytes)
UART0 transmission
Refer to
Appendix 2.
02FFFF16
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
(Refer to section “2.5 Processor modes.”)
2: Banks 1016 to FF16 cannot be accessed in the 7735 Group and in external bus mode B of
the 7736 Group.
Internal ROM area
32 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com