Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 796 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 796 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 792Page - Renesas Technology Corp 7733 Datasheet HTML 793Page - Renesas Technology Corp 7733 Datasheet HTML 794Page - Renesas Technology Corp 7733 Datasheet HTML 795Page - Renesas Technology Corp 7733 Datasheet HTML 796Page - Renesas Technology Corp 7733 Datasheet HTML 797Page - Renesas Technology Corp 7733 Datasheet HTML 798Page - Renesas Technology Corp 7733 Datasheet HTML 799Page - Renesas Technology Corp 7733 Datasheet HTML 800Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 796 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-8
Fig. 8 Memory allocation in SFR area (4)
Figure 8 differs from that of the 7733 Group only in g3.
0
RO
UART1 receive interrupt control register
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
6B16
6C16
6D16
6E16
6F16
6A16
Address
Oscillation circuit control register 0
Serial transmit control register
A-D / UART 2 trans./rece. interrupt control register
UART0 transmission interrupt control register
UART1 transmission interrupt control register
INT2/Key input interrupt control register
Watchdog timer frequency selection flag
Register name
Watchdog timer register
Timer A0 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0 interrupt control register
Access characteristics
RW(g2)
RW
RW
RW
RW
b7
b0
WO
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
State immediately after reset
?
?
?
?
?
0
00
0
?
0
? (g1)
b7
b0
?
0
0
0
0
0
0
0
0
0
00
0
00
0
0
0
0
Port function control register
UART0 receive interrupt control register
Timer A1 interrupt control register
Timer B0 interrupt control register
INT1 interrupt control register
RW
RW
WO
RW
RW
RW
00
0
0
0
1
00
0
0
00
0
0
00
0
0
00
0
0
00
0
0
00
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
00
0
0
0
0
0
0
0
0
0
0
00
0
0
00
0
?
?
?
00
0
0
0
0
00
0
0
0
0
A value of “FFF16” is set to the watchdog timer. (Refer to chapter “10. WATCHDOG TIMER.”)
For access characteristics at address 6C16, also refer to Figure 14.3.2 in part 1.
The state of bit 3 at address 6F16 immediately after reset depends on the product.
(Refer to Figure 14.3.3 in part 2 : refer to this part because bit 3 at address 6F16 of the 7735 Group
differs from that of the 7733 Group.
Fix this bit to “0” in the 7735 Group.
Do not wirte to the reserved area.
(Refer to Figure 20.8.1 for the M37733S4BFP, M37733S4LHP, M37735S4BFP, 37735S4LHP.)
sInternal RAM area (M37735MHBXXXFP: addresses 8016 to FFF16)
At hardware reset
(not including the case where the stop or wait mode is terminated)...Undefined.
At software reset...Retains the state immediately before reset.
When the stop or wait mode is terminated
(when the hardware reset is used)...Retains the state immediately before the STP or WIT
instruction is executed.
?
RW
g3 00
0
g1
g2
g3
g4
(Reserved area) g4
Memory allocation control register
UART 2 transmit/receive mode register
UART 2 baud rate register (BRG2)
UART 2 transmission buffer register
UART 2 transmit/receive control register 0
UART 2 transmit/receive control register 1
UART 2 receive buffer register
Oscillation circuit control register 1
RW
0
?
0
00
0
RW
?
00
0
0
0
0
0
WO
WO
WO
RW
RO
1
00
0
RWRO
RO
00
0
0
00
1
0
RO
00
0
00
0
?
RW
?
?
0
00
0
0
00
0
0
0
0
Appendix 2. Memory allocation in SFR area
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com