Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 794Page - Renesas Technology Corp 7733 Datasheet HTML 795Page - Renesas Technology Corp 7733 Datasheet HTML 796Page - Renesas Technology Corp 7733 Datasheet HTML 797Page - Renesas Technology Corp 7733 Datasheet HTML 798Page - Renesas Technology Corp 7733 Datasheet HTML 799Page - Renesas Technology Corp 7733 Datasheet HTML 800Page - Renesas Technology Corp 7733 Datasheet HTML 801Page - Renesas Technology Corp 7733 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-10
Oscillation circuit control register 1
2: Because this bit is “1” at reset, clear this bit to “0” with the initial setting program after
reset.
3: The case where data “010101012” is written with the procedure shown below is not
included.
4: For the 7733 Group, refer to Figure 14.3.3 in part 1.
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Main clock division selection bit
Sub clock external input selection bit
Must be fixed to “0” in the one time PROM and EPROM versions (Notes 1 and 2).
Must be fixed to “0” (Note 3).
Clock prescaler reset bit
0
0
0
0
Undefined
0
0
Oscillation circuit control register 1 (address 6F16)
0: Sub-clock oscillation circuit is operating
by itself. Pin P76 functions as pin XCOUT.
Watchdog timer is used when
terminating stop mode.
1: Sub clock is input from the external.
Pin P76 functions as a programmable
I/O port. Watchdog timer is not used when
terminating stop mode.
RW
RW
RW
RW
WO
—
—
Not implemented.
Not implemented.
b1
b0
b2
b3
b4
b5
b6
b7
Notes 1: When writing to this register, follow the procedure shown below.
By writing “1” to this bit, clock prescaler is
initialized.
RW
1
(Note 4)
0
Undefined
Main clock external input selection bit
0: Main clock is divided by 2.
1: Main clock is not divided by 2.
0: Main-clock oscillation circuit is operating by
itself. Watchdog timer is used when
terminating stop mode.
1: Main clock is input from the external.
Watchdog timer is not used when
terminating stop mode.
Must be fixed to “0” in the mask ROM and external ROM versions (Note 1).
(Note 1)
(Note 1)
(Note 1)
0
Write data “010101012.”(LDM instruction)
• When writing to bits 0 to 3
Write data “00000XXX2.” (LDM instruction)
Next instruction
(b2 to b0 in the above Figure)
Write data “8016.” (LDM instruction)
• When performing clock prescaler reset
Appendix 3. Control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com