Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 800 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 800 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 796Page - Renesas Technology Corp 7733 Datasheet HTML 797Page - Renesas Technology Corp 7733 Datasheet HTML 798Page - Renesas Technology Corp 7733 Datasheet HTML 799Page - Renesas Technology Corp 7733 Datasheet HTML 800Page - Renesas Technology Corp 7733 Datasheet HTML 801Page - Renesas Technology Corp 7733 Datasheet HTML 802Page - Renesas Technology Corp 7733 Datasheet HTML 803Page - Renesas Technology Corp 7733 Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-12
2. In memory expansion mode
Table 2 Examples of handling unused pins in memory expansion mode
Pins
P42–P47, P5–P8
(Note 5)
_________
________
________
WEH
, WEL, RDE,
_____
__________
HLDA, CS0–CS4, RSMP
XOUT (Note 4)
_____
____
HOLD
, RDY
AVcc
AVss, VREF
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins after they are
set to the output mode (Notes 1 and 2).
Leave these pins open. (Note 3)
Leave this pin open.
Connect these pins to pin Vcc via resistors after these pins are
set to the input mode. (These pins are pulled high.) (Note 2)
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports. Software reliability can be enhanced when the contents of the above
ports’ direction registers are set periodically. This is because these contents may be changed by
noise, a program runaway which occurs owing to noise, etc.
2: For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
3: When Vss level is applied to pin CNVss, note the following: these pins function as input ports from
reset until the processor mode is switched to the memory expansion mode by software. Therefore,
a voltage level of this pin is undefined and the power source current may increase while this pin
functions as an input port.
4: This is applied when an external clock is input to pin XIN.
5: Set pin P42/
φ1 as pin P42. (Clock φ1 output is disabled.) And then, for this pin, do the same
handling as that for pins P43 to P47 and P5 to P8.
Fig. 10 Examples of handling unused pins in memory expansionmode
P42–P47, P5–P8
HOLD
RDY
Vcc
Vss
AVcc
XOUT
CS0
–CS4
P42–P47, P5–P8
HOLD
RDY
Vss
AVcc
XOUT
CS0
–CS4
Vcc
When setting ports to input mode
When setting ports to output mode
Left open
Left open
Left open
Left open
Left open
AVss
VREF
AVss
VREF
WEH
WEL
RDE
HLDA
RSMP
WEH
WEL
RDE
HLDA
RSMP
Appendix 7. Examples of handling unused pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com