Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 799 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 799 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 795Page - Renesas Technology Corp 7733 Datasheet HTML 796Page - Renesas Technology Corp 7733 Datasheet HTML 797Page - Renesas Technology Corp 7733 Datasheet HTML 798Page - Renesas Technology Corp 7733 Datasheet HTML 799Page - Renesas Technology Corp 7733 Datasheet HTML 800Page - Renesas Technology Corp 7733 Datasheet HTML 801Page - Renesas Technology Corp 7733 Datasheet HTML 802Page - Renesas Technology Corp 7733 Datasheet HTML 803Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 940 page
background image
APPENDIX
7735 Group User’s Manual
21-11
Appendix 7. Examples of handling unused pins
The following are examples of handling unused pins.
These are, however, just examples. In actual use, make the necessary adaptations and properly evaluate
performance according to the user’s application.
1. In single-chip mode
Table 1 Examples of handling unused pins in single-chip mode
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
ports function as input ports.
Software reliability can be enhanced when the contents of the above ports ’ direction registers are
set periodically. This is because these contents may be changed by noise, a program runaway
which occurs owing to noise, etc.
For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
2: This is applied when an external clock is input to pin XIN.
Pins
P0–P8
_
E
XOUT (Note 2)
AVcc
AVss, VREF, BYTE
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins open after
they are set to the output mode (Note 1).
Leave this pin open.
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Fig. 9 Examples of handling unused pins in single-chip mode
P0–P8
AVss
VREF
BYTE
Vss
AVcc
E
XOUT
Left open
When setting ports to input mode
Vcc
P0–P8
AVss
VREF
BYTE
Vss
AVcc
E
XOUT
Left open
When setting ports to output mode
Left open
Vcc
Appendix 7. Examples of handling unused pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com