Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 812Page - Renesas Technology Corp 7733 Datasheet HTML 813Page - Renesas Technology Corp 7733 Datasheet HTML 814Page - Renesas Technology Corp 7733 Datasheet HTML 815Page - Renesas Technology Corp 7733 Datasheet HTML 816Page - Renesas Technology Corp 7733 Datasheet HTML 817Page - Renesas Technology Corp 7733 Datasheet HTML 818Page - Renesas Technology Corp 7733 Datasheet HTML 819Page - Renesas Technology Corp 7733 Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 940 page
background image
OVERVIEW
7736 Group User’s Manual
1–12
Pins
P43–P47, P5–P8, P10
P9
____
____
____
WHE
, WHL, RDE,
_____
_____
HLDA
,
φ1, CS0–CS4, RSMP
XOUT (Note 4)
_____
____
HOLD
, RDY
AVCC
AVSS, VREF
EVL0, EVL1
(5) In microprocessor mode (External bus mode B)
Table 1.3.9 Examples of handling unused pins in microprocessor mode (External bus mode B)
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins after they are
set to the output mode (Notes 1 and 2).
Leave these pins open after writing data to the port P9 register (Note 5).
Leave these pins open. (Note 3)
Leave this pin open.
Connect these pins to pin Vcc via resistors after these pins are
set to the input mode. (These pins are pulled high.) (Note 2)
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Leave these pins open.
Fig. 1.3.5 Examples of handling unused pins in microprocessor mode (External bus mode B)
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
Software reliability can be enhanced when the contents of the above ports’ direction registers are
set periodically. This is because these contents may be changed by noise, a program runaway
which occurs owing to noise, etc.
2: For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
3: When Vss level is applied to pin CNVss, note the following: these pins function as input ports from
reset until the processor mode is switched to the microprocessor mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
4: This is applied when an external clock is input to pin XIN.
5: When leaving port P9 pins open after writing data to the port P9 register, note the following: these
pins are in a floating state from reset until the data is written to the port P9 register by software.
Therefore, voltage levels of these pins are undefined and the power source current may increase
while they are in a floating state.
P43–P47, P5–P8, P10
1
RSMP
AVSS
VREF
HOLD
RDY
Left open
VCC
VSS
AVCC
XOUT
CS0–CS4
EVL0
EVL1
When setting ports to input mode
WEH
WEL
RDE
HLDA
Left open
P43–P47, P5–P10
1
RSMP
AVSS
VREF
HOLD
RDY
Left open
VSS
AVCC
XOUT
CS0–CS4
EVL0
EVL1
When setting ports to output mode
WEH
WEL
RDE
HLDA
Left open
Left open
VCC
P9
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com