Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 820 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 820 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 816Page - Renesas Technology Corp 7733 Datasheet HTML 817Page - Renesas Technology Corp 7733 Datasheet HTML 818Page - Renesas Technology Corp 7733 Datasheet HTML 819Page - Renesas Technology Corp 7733 Datasheet HTML 820Page - Renesas Technology Corp 7733 Datasheet HTML 821Page - Renesas Technology Corp 7733 Datasheet HTML 822Page - Renesas Technology Corp 7733 Datasheet HTML 823Page - Renesas Technology Corp 7733 Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7736 Group User’s Manual
2–2
2.5 Processor modes
Concerning chapter “2. CENTRAL PROCESSING UNIT (CPU),” the 7736 Group differs from the 7733 Group
in the following section. Therefore, only the differences are described below:
• “2.5 Processor modes”
The following sections of the 7736 Group differ depending on the external bus mode, which is A or B:
• “2.2 Bus interface unit”
External bus mode A (page 2–10 in part 1)
External bus mode B (page 2–2 in part 2)
• “2.3 Accessible area”
External bus mode A (page 2–16 in part 1)
External bus mode B (page 2–5 in part 2)
The following sections of the 7736 Group are the same as those of the 7733 Group. Therefore, for these
sections, refer to the part 1:
• “2.1 Central processing unit” (page 2–2 in part 1)
• “2.4 Memory allocation” (page 2–18 in part 1)
2.5 Processor modes
Concerning section “2.5 Processor modes,” the 7736 Group differs from the 7733 Group in the following:
• “Figure 2.5.2”
The following differ depending on the external bus mode. Therefore, refer to the corresponding part:
• Figure 2.5.1 and Table 2.5.1
External bus mode A (Figure 2.5.1 and Table 2.5.1 in part 1)
External bus mode B (Figure 2.5.1 and Table 2.5.1 in part 2)
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “2.5 Processor modes” (page 2–23 in part 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com