Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 820Page - Renesas Technology Corp 7733 Datasheet HTML 821Page - Renesas Technology Corp 7733 Datasheet HTML 822Page - Renesas Technology Corp 7733 Datasheet HTML 823Page - Renesas Technology Corp 7733 Datasheet HTML 824Page - Renesas Technology Corp 7733 Datasheet HTML 825Page - Renesas Technology Corp 7733 Datasheet HTML 826Page - Renesas Technology Corp 7733 Datasheet HTML 827Page - Renesas Technology Corp 7733 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 940 page
background image
7736 Group User’s Manual
3–2
PROGRAMMABLE I/O PORTS
Functions of all ports in the single-chip mode and those of ports P43 to P47 and P5 to P10 in the memory
expansion or the microprocessor mode are described below. For more information about ports P0 to P4,
whose functions depend on the processor mode, refer to section “2.5 Processor modes” and chapter “12.
CONNECTING EXTERNAL DEVICES.”
3.1 Programmable I/O ports and Output-only ports
The 7736 Group has 76 programmable I/O ports (P0 to P8 and P10) and 8 output-only ports (P9).
Each of programmable I/O ports has a port direction register and a port register in the SFR area. Each
output-only port has a port register in the SFR area. Figure 3.1.1 shows the memory map of port direction
registers and port registers.
Note that ports P42, P5 to P8, P90 to P93 and P104 to P107 also function as I/O pins for internal peripheral
devices. For details, refer to section “3.4 Internal peripheral devices’ I/O functions” and the corresponding
functional description.
3.1 Programmable I/O ports and Output-only ports
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
Port P8 direction register
816
916
A16
B16
C16
D16
E16
F16
1016
1116
1216
1316
1416
addresses
Port P0 register
Port P1 register
Port P0 direction register
Port P1 direction register
Port P2 register
Port P3 register
Port P2 direction register
Port P3 direction register
216
316
416
516
616
716
Port P9 register
Port P10 register
Port P10 direction register
1516
1616
1716
1816
Fig. 3.1.1 Memory map of port direction registers and port registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com