Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 826 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 826 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 822Page - Renesas Technology Corp 7733 Datasheet HTML 823Page - Renesas Technology Corp 7733 Datasheet HTML 824Page - Renesas Technology Corp 7733 Datasheet HTML 825Page - Renesas Technology Corp 7733 Datasheet HTML 826Page - Renesas Technology Corp 7733 Datasheet HTML 827Page - Renesas Technology Corp 7733 Datasheet HTML 828Page - Renesas Technology Corp 7733 Datasheet HTML 829Page - Renesas Technology Corp 7733 Datasheet HTML 830Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 826 / 940 page
background image
7736 Group User’s Manual
3–4
PROGRAMMABLE I/O PORTS
3.1.2 Port Pi register
Data is input from or output to the external by writing or reading data to or from a port register. A port
register consists of a port latch, which holds the output data, and a circuit, which reads the pin state. Each
bit of the port register corresponds to one specified pin. Figure 3.1.3 shows the structure of the port Pi (i
= 0 to 10) register.
(1) How to output data from programmable I/O port
Œ Set the corresponding bit of the port direction register to the output mode.
 Write data to the corresponding bit of the port register, and then the data is written into the port
latch.
Ž Data which is set in the port latch is output.
When a bit of a port register which corresponds to a port set for the output mode is read out, the
contents of the port latch, instead of pin state, is read out. Accordingly, output data can correctly be
read out without influence of external load, etc. (Refer to Figures 3.2.1 and 3.2.2)
(2) How to input data from programmable I/O port
Œ Set the corresponding bit of the port direction register to the input mode.
 The pin enters a floating state.
Ž When reading the corresponding bit of the port register in state , data which is input from the pin
can be read in.
When data is written to a port register which corresponds to a port set for the input mode, the data
is written only into the port latch and not output to the external. Pins retain a floating state.
(3) How to output data from output-only port
Œ Write data to the corresponding bit of the port register, and then the data is written into the port
latch.
 Data which is set in the port latch is output.
When a bit of a port register which corresponds to a port is read out, the contents of the port latch,
instead of pin state, is read out. Accordingly, output data can correctly be read out without influence
of external load, etc. (Refer to Figures 3.2.1 and 3.2.2)
3.1 Programmable I/O ports and Output-only ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com