Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 829 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 829 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 825Page - Renesas Technology Corp 7733 Datasheet HTML 826Page - Renesas Technology Corp 7733 Datasheet HTML 827Page - Renesas Technology Corp 7733 Datasheet HTML 828Page - Renesas Technology Corp 7733 Datasheet HTML 829Page - Renesas Technology Corp 7733 Datasheet HTML 830Page - Renesas Technology Corp 7733 Datasheet HTML 831Page - Renesas Technology Corp 7733 Datasheet HTML 832Page - Renesas Technology Corp 7733 Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 940 page
background image
7736 Group User’s Manual
3–7
PROGRAMMABLE I/O PORTS
3.2 Port peripheral circuits
Fig. 3.2.2 Port peripheral circuits (2)
• E (External bus mode A)
•Ports P80/CTS0/RTS0/CLKS1, P81/CLK0, P84/CTS1/RTS1, P85/CLK1
Port direction register
Port latch
Data bus
Output
“1”
“0”
•Ports P70/AN0 to P77/AN7/XCIN
Port direction register
Port latch
Data bus
Analog input
(Note 2)
Sub-clock oscillation circuit
Note 2: The sub-clock oscillation circuit is
present only in ports P76 and P77
•Ports P90/CTS2, P92/RXD2 (Inside dotted-line included)
Ports P94 to P97 (Inside dotted-line not included)
Port latch
Data bus
Output control
•Port P91/CLK2 (Inside dotted-line included)
Port P93/TXD2 (Inside dotted-line not included)
Port latch
Data bus
Output control
Output
• E / RDE (External bus mode B)
Hold acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com