Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 821Page - Renesas Technology Corp 7733 Datasheet HTML 822Page - Renesas Technology Corp 7733 Datasheet HTML 823Page - Renesas Technology Corp 7733 Datasheet HTML 824Page - Renesas Technology Corp 7733 Datasheet HTML 825Page - Renesas Technology Corp 7733 Datasheet HTML 826Page - Renesas Technology Corp 7733 Datasheet HTML 827Page - Renesas Technology Corp 7733 Datasheet HTML 828Page - Renesas Technology Corp 7733 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 940 page
background image
7736 Group User’s Manual
3–3
PROGRAMMABLE I/O PORTS
3.1.1 Port Pi direction register
This register determines the direction of programmable I/O ports. Each bit of this register corresponds to
one specified pin.
Figure 3.1.2 shows the structure of the port Pi (i = 0 to 8 and 10) direction register.
Fig. 3.1.2 Structure of port Pi (i = 0 to 8 and 10) direction register
Bit
Bit name
Functions
0: Input mode
(The port functions as an input port.)
1: Output mode
(The port functions as an output port.)
Port Pi direction register (i = 0 to 8 and 10)
(addresses 416,516,816,916,C16,D16,1016,1116,1416,1816)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
Note: Writing to bits 4 to 7 of the port P3 direction register is invalid and these bits are fixed to “0”
when they are read.
0
Port Pi0 direction selection bit
0
RW
1
Port Pi1 direction selection bit
0
RW
2
Port Pi2 direction selection bit
0
RW
3
Port Pi3 direction selection bit
0
RW
4
Port Pi4 direction selection bit
0
RW
5
Port Pi5 direction selection bit
0
RW
6
Port Pi6 direction selection bit
0
RW
7
Port Pi7 direction selection bit
0
RW
Pi7
b1
b2
b3
b4
b5
b6
b7
Bit
Corresponding
pin
Pi6
Pi5
Pi4
Pi3
Pi2
Pi1
Pi0
b0
3.1 Programmable I/O ports and Output-only ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com