Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 851Page - Renesas Technology Corp 7733 Datasheet HTML 852Page - Renesas Technology Corp 7733 Datasheet HTML 853Page - Renesas Technology Corp 7733 Datasheet HTML 854Page - Renesas Technology Corp 7733 Datasheet HTML 855Page - Renesas Technology Corp 7733 Datasheet HTML 856Page - Renesas Technology Corp 7733 Datasheet HTML 857Page - Renesas Technology Corp 7733 Datasheet HTML 858Page - Renesas Technology Corp 7733 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 940 page
background image
A-D CONVERTER
7736 Group User’s Manual
9–3
9.2.5 Port P7 direction register
Input pins of the A-D converter are multiplexed with port P7. When using these pins as A-D converter’s
input pins, set the corresponding bits of the port P7 direction register to “0” to set these ports for the input
mode. Figure 9.2.6 shows the relationship between the port P7 direction register and I/O pins of the sub-
clock oscillation circuit and peripheral functions.
Fig. 9.2.6 Relationship between port P7 direction register and I/O pins of sub-clock oscillation circuit
and peripheral functions
Analog input pins AN6 and AN7 function as the port P7’s I/O pins and also function as I/O pins of the sub-
clock oscillation circuit. For the pin which is forcedly set to the output mode when the function for the sub-
clock oscillation circuit is selected, analog input is disabled. (Refer to “Table 9.2.3.”)
Table 9.2.3 Port P7’s pin which is forcedly set to output mode
9.2 Block description
Pin
P76/AN6/XCOUT
Sub-clock oscillation circuit is operating by itself.
(bit 4 at address 6C16 = “1” and bit 2 at address 6F16 = “0” )
Conditions where pin is forcedly set to output mode
Bit
Corresponding bit’s name
Functions
0
1
2
3
4
5
6
Pin AN0
Pin AN2
Pin AN3
Pin AN4
Pin AN6/XCOUT
0: Input mode
1: Output mode
Pin AN5/ADTRG
Port P7 direction register (address 1116)
b1
b0
b2
b3
b4
b5
b6
b7
Pin AN1
At reset
RW
0
0
0
0
0
0
0
When using these pins as A-D
converter’s input pins, set the
corresponding bits to “0.”
7
Pin AN7/XCIN
0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com