Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 851 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 851 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 847Page - Renesas Technology Corp 7733 Datasheet HTML 848Page - Renesas Technology Corp 7733 Datasheet HTML 849Page - Renesas Technology Corp 7733 Datasheet HTML 850Page - Renesas Technology Corp 7733 Datasheet HTML 851Page - Renesas Technology Corp 7733 Datasheet HTML 852Page - Renesas Technology Corp 7733 Datasheet HTML 853Page - Renesas Technology Corp 7733 Datasheet HTML 854Page - Renesas Technology Corp 7733 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 940 page
background image
SERIAL I/O
7736 Group User’s Manual
8–5
8.4 Clock asynchronous serial I/O (UART) mode
Concerning section “8.4 Clock asynchronous serial I/O (UART) mode,” the 7736 Group differs from the 7733
Group in the following:
• Table 8.4.2
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “8.4 Clock asynchronous serial I/O (UART) mode” (page 8-44 in part 1)
Pin name
TxDi
(P83, P87, P93)
RxD0 (P82),
RxD1 (P86)
RxD2 (P92)
CLKi
(P81, P85, P91)
CTS0
/RTS0 (P80)
CTS1
/RTS1 (P84)
(Note)
CTS2
(P90)
Functions
Serial data output
Serial data input
Programmable I/O port
BRGi count source input
____
CTS
input
____
RTS
output
Programmable I/O port
____
CTS
input
Programmable I/O port
Method of selection
(They cannot be used as programmable I/O ports.)
Port P8 direction register’s corresponding bit = “0”
(It can be used as an input port when only transmission is performed.)
(It can be used as an output port when only transmission is performed.)
Internal/External clock selection bit = “0”
Internal/External clock selection bit = “1”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “0”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “1”
____ ____
CTS
/RTS enable bit = “1”
____
CTS
enable bit = “0”
____
CTS
enable bit = “1”
Table 8.4.2 Functions of I/O pins in UART mode
Port P8 direction register: Address 1416
Internal/External clock selection bit: Bit 3 at addresses 3016, 3816, and 6416
____ ____
CTS
/RTS enable bit: Bit 4 at addresses 3416 and 3C16
____ ____
CTS
/RTS function selection bit: Bit 2 at addresses 3416 and 3C16
____
CTS
enable bit: Bit 2 at addresses 6816
g Pin TxDi outputs “H” level while not transmitting after a UARTi’s operating mode is selected.
(Pin TxDi is in a floating state when N-channel open-drain output is selected.)
____
Note: The RTSi output function is not assigned for UART2.
8.4 Clock asynchronous serial I/O (UART) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com