Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 849 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 849 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 845Page - Renesas Technology Corp 7733 Datasheet HTML 846Page - Renesas Technology Corp 7733 Datasheet HTML 847Page - Renesas Technology Corp 7733 Datasheet HTML 848Page - Renesas Technology Corp 7733 Datasheet HTML 849Page - Renesas Technology Corp 7733 Datasheet HTML 850Page - Renesas Technology Corp 7733 Datasheet HTML 851Page - Renesas Technology Corp 7733 Datasheet HTML 852Page - Renesas Technology Corp 7733 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 940 page
background image
SERIAL I/O
7736 Group User’s Manual
8–3
8.2.9 Port P8 direction register
I/O pins of UARTi are multiplexed with ports P8 and P9. When using pins P82 and P86 as serial data input
pins (RxDi), set the corresponding bits of the port P8 direction register to “0” to set this port for the input
_________ _________
mode. When using pins P80, P81, P83–P85 and P87 as UARTi’s I/O pins (CTSi/RTSi, CLKi, TxDi), these pins
are forcibly set as the UARTi’s I/O pins, regardless of the port P8 direction register’s contents. Also, as
for CLKS0 and CLKS1, refer to section “8.3.1 (4) Number of transfer clock output pins (UART0)” in part
1. Figure 8.2.16 shows the relationship between the port P8 direction register and UARTi’s I/O pins.
When using UART2, pins P90–P93 are forcibly set as the UART2’s input or output pins.
Note that the functions of the UARTi’s I/O pins can be switched by software. For details, refer to the
description of each operating mode.
8.2 Block description
0
1
2
3
4
5
6
7
Pin P80/CTS0/RTS0/CLKS1
Pin P82/RxD0/CLKS0
Pin P83/TxD0
Pin P84/CTS1/RTS1
Pin P86/RxD1
Pin P85/CLK1
Port P8 direction register (address 1416)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P81/CLK0
Pin P87/TxD1
RW
0
0
0
0
0
0
0
0
Corresponding pin name
Functions
Bit
At reset
0: Input mode
1: Output mode
When using pins P82
and P86 as serial data’s
input pins (RxD0, RxD1),
set the corresponding
bits to “0.”
RW
RW
RW
RW
RW
RW
RW
RW
Note: For pins CLKS0 and CLKS1, refer to section “8.3.1 (4) Number of transfer clock
output pins (UART0)” in part 1.
Fig. 8.2.16 Relationship between port P8 direction register and UARTi’s I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com