Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 850 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 850 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 846Page - Renesas Technology Corp 7733 Datasheet HTML 847Page - Renesas Technology Corp 7733 Datasheet HTML 848Page - Renesas Technology Corp 7733 Datasheet HTML 849Page - Renesas Technology Corp 7733 Datasheet HTML 850Page - Renesas Technology Corp 7733 Datasheet HTML 851Page - Renesas Technology Corp 7733 Datasheet HTML 852Page - Renesas Technology Corp 7733 Datasheet HTML 853Page - Renesas Technology Corp 7733 Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 940 page
background image
SERIAL I/O
7736 Group User’s Manual
8–4
8.3 Clock synchronous serial I/O mode
Concerning section “8.3 Clock synchronous serial I/O mode,” the 7736 Group differs from the 7733 Group
in the following:
• Table 8.3.2
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “8.3 Clock synchronous serial I/O mode” (page 8-21 in part 1)
Table 8.3.2 Functions of I/O pins in clock synchronous serial I/O mode
Functions
Serial data output
Serial data input
Transfer clock output
Transfer clock input
____
CTS
input
____
RTS
output
Programmable I/O port
____
CTS
input
Programmable I/O port
Method of selection
(They output dummy data when only reception is performed.)
Port P8 direction register’s corresponding bits =“0”
(It can be used as an input port when only transmission is
performed.)
(It can be used as an output port when only transmission is
performed.)
Internal/External clock selection bit = “0”
Internal/External clock selection bit = “1”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “0”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “1”
____ ____
CTS
/RTS enable bit = “1”
____
CTS
enable bit = “0”
____
CTS
enable bit = “1”
Port P8 direction register: Address 1416
Internal/External clock selection bit: Bit 3 at addresses 3016, 3816, and 6416
____ ____
CTS
/RTS enable bit: Bit 4 at addresses 3416 and 3C16
____ ____
CTS
/RTS function selection bit: Bit 2 at addresses 3416 and 3C16
____
CTS
enable bit: Bit 2 at address 6816
g Pin TxDi outputs “H” level from when a UARTi’s operating mode is selected until transfer starts.
(Pin TxDi is in a floating state when N-channel open-drain output is selected.)
g In UART0, multiple transfer clock output pins can be used. (Refer to Table 8.3.3 in part 1.)
____
Notes 1: The RTS output function is not assigned for UART2.
2: As for CLKS0 and CLKS1, refer to section “8.3.1 (4) Number of transfer clock output pins
(UART0)” in part 1.
Pin name
TxDi
(P83, P87, P93)
RxD0 (P82),
RxD1 (P86)
RxD2 (P92)
CLKi
(P81, P85, P91)
CTS0
/RTS0 (P80),
CTS1
/RTS1 (P84)
(Note 1)
CTS2
(P90)
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com