Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 879 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 879 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 875Page - Renesas Technology Corp 7733 Datasheet HTML 876Page - Renesas Technology Corp 7733 Datasheet HTML 877Page - Renesas Technology Corp 7733 Datasheet HTML 878Page - Renesas Technology Corp 7733 Datasheet HTML 879Page - Renesas Technology Corp 7733 Datasheet HTML 880Page - Renesas Technology Corp 7733 Datasheet HTML 881Page - Renesas Technology Corp 7733 Datasheet HTML 882Page - Renesas Technology Corp 7733 Datasheet HTML 883Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 940 page
background image
STANDARD CHARACTERISTICS
16.1 Standard characteristics
7736 Group User’s Manual
16–3
16.1 Standard characteristics
Standard characteristics described below are characteristic examples of the M37736MHBXXXGP and are
not guaranteed. For each parameter’s limits, refer to chapter “15. ELECTRICAL CHARACTERISTICS.”
16.1.1 Programmable I/O port (CMOS output) standard characteristics:
P0 to P3, P40 to P43, P5 to P9, and P104 to P107
(1) P-channel IOH–VOH characteristics
(2) N-channel IOL–VOL characteristics
50.0
40.0
30.0
10.0
20.0
0
1.0
2.0
3.0
4.0
5.0
Ta = 25°C
Ta = 85°C
Power source voltage VCC = 5 V
VOH [ V ]
P channel
50.0
40.0
30.0
20.0
10.0
0
1.0
2.0
3.0
4.0
5.0
Ta = 25°C
Ta = 85°C
Power source voltage VCC = 5 V
VOL [ V ]
N channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com